Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP825 Datasheet(PDF) 1 Page - Caddock Electronics, Inc.

Part # MP825
Description  TO-220 Style and TO-126 Style - Non-Inductive Designs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADDOCK [Caddock Electronics, Inc.]
Direct Link  http://www.caddock.com/
Logo CADDOCK - Caddock Electronics, Inc.

MP825 Datasheet(HTML) 1 Page - Caddock Electronics, Inc.

  MP825 Datasheet HTML 1Page - Caddock Electronics, Inc. MP825 Datasheet HTML 2Page - Caddock Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2003-2017 Caddock Electronics, Inc.
Sales and Applications Engineering
17271 North Umpqua Hwy.
Roseburg, Oregon 97470-9422
Phone: (541) 496-0700
Fax: (541) 496-0408
e-mail: caddock@caddock.com • web: www.caddock.com
For Caddock Distributors listed by country see caddock.com/contact/dist.html
ELECTRONICS, INC.
28_IL103.0717
• 20Wattsat+25°C CaseTemperaturederatedtozeroat+175°C.
• MetalHeatSinkMountingTab.
• MP820ResistanceRangeof10.0ohmto10.0K.
• MP821ResistanceRangeof 0.020ohmto9.99ohm.
• Resistorelementiselectricallyisolatedfromthemountingsurface.
• Non-Inductivedesignforhighspeedswitching,snubbers,
andrfapplications.
MP825 TO-126StylePowerPackage
The MP825 and MP850 Kool-Pak® Power Film Resistors are constructed with Caddock's
Micronox® resistance film fired onto a flat ceramic substrate. The ceramic substrate is
bonded to a copper heat sink which becomes the metal mounting surface. This
assembly is molded with the copper heat sink flush with the back surface of the part. The
terminal attachment and resistance element geometry are configured to provide
outstanding non-inductive performance.
MP825 and MP850 Power Film Resistors
Include an Integral Metal Mounting Surface
for Highly Efficient Thermal Transfer
Certain products shown in this catalog are covered by one or more patents, there are also patents pending.
MP800 Series Kool-Pak® Power Film Resistors
TO-220 Style and TO-126 Style - Non-Inductive Designs
• 50 Wattsat+25°C CaseTemperaturederatedtozeroat+150°C.
• CopperHeatSinkIntegralintheMoldedPackage.
• ResistanceRangeof0.20ohmto10.0K.
• Resistorelementiselectricallyisolatedfromthemountingsurface.
• Non-inductiveDesign.
MP820 and MP821 TO-220 Style Power Package
with Metal Mounting Tab
Use your thermal design experience with power semiconductors in TO-220 and
TO-126 style power packages to help you get the most out of this unique family of
power resistors. The thermal design issues are the same where power handling
capability is based on the case temperature which is maintained in your design.
MP850 - 50.0 - 1%
Model Number:
Resistor Value:
Tolerance
The MP820 and MP821 Kool-Tab® Power Film Resistors are constructed with Caddock's
Micronox® resistance film fired onto a flat ceramic substrate which is thermally bonded to
the copper heat sink tab. The resistor body is then molded with a high temperature
molding compound to finish the metal tab TO-220 package. The lead wire attachment
and resistance element geometry are configured to provide outstanding non-inductive
performance.
For custom resistance values and tolerances contact applications engineering
MP825 Standard Resistance Values
:
0.020 Ω 5%
0.025 Ω 5%
0.030 Ω 5%
0.033 Ω 5%
0.040 Ω 5%
0.050 Ω
0.075 Ω
0.10 Ω
0.15 Ω
0.20 Ω
0.25 Ω
Tolerance MP825: ±1% standard (except as noted), (0.5%, 2%,
5%,10%, and 20% are available for most resistance values).
0.30 Ω
0.33 Ω
0.40 Ω
0.50 Ω
0.75 Ω
1.00 Ω
1.50 Ω
2.00 Ω
2.50 Ω
3.00 Ω
3.30 Ω
4.00 Ω
5.00 Ω
7.50 Ω
8.00 Ω
10.0 Ω
12.0 Ω
15.0 Ω
20.0 Ω
25.0 Ω
27.0 Ω
30.0 Ω
33.0 Ω
40.0 Ω
47.0 Ω
50.0 Ω
56.0 Ω
75.0 Ω
100 Ω
120 Ω
150 Ω
200 Ω
250 Ω
300 Ω
330 Ω
400 Ω
470 Ω
500 Ω
560 Ω
750 Ω
1.00 K
1.50 K
2.00 K
2.50 K
3.00 K
3.30 K
4.00 K
5.00 K
7.50 K
10.0 K
MP850 Standard Resistance Values
:
0.20 Ω
0.25 Ω
0.30 Ω
0.33 Ω
0.40 Ω
0.50 Ω
0.75 Ω
1.00 Ω
1.50 Ω
2.00 Ω
2.50 Ω
3.00 Ω
3.30 Ω
4.00 Ω
5.00 Ω
7.50 Ω
8.00 Ω
10.0 Ω
12.0 Ω
15.0 Ω
20.0 Ω
25.0 Ω
27.0 Ω
30.0 Ω
33.0 Ω
40.0 Ω
47.0 Ω
50.0 Ω
56.0 Ω
75.0 Ω
100 Ω
120 Ω
150 Ω
200 Ω
250 Ω
300 Ω
330 Ω
400 Ω
470 Ω
500 Ω
560 Ω
750 Ω
1.00 K
1.50 K
2.00 K
Tolerance MP850: ±1% standard, (0.5%, 2%, 5%,10%, and 20%
are available for most resistance values).
2.50 K
3.00 K
3.30 K
4.00 K
5.00 K
7.50 K
10.0 K
• 25 Wattsat+25°C CaseTemperaturederatedtozeroat+150°C.
• CopperHeatSinkIntegralintheMoldedPackage.
• ResistanceRangeof0.020ohmto10.0K.
• Resistorelementiselectricallyisolatedfromthemountingsurface.
• Non-inductiveDesign.
Construction of MP825 and MP850:
Ordering Information:
Construction of MP820 and MP821:
MP850 TO-220StylePowerPackage
MP821 Standard Resistance Values:
0.020 Ω
0.025 Ω
0.030 Ω
0.033 Ω
0.040 Ω
Tolerance MP821: ±1% Standard (0.5%, 2%, 5%, 10%, and 20%
are available for most resistance values).
0.050 Ω
0.075 Ω
0.10 Ω
0.15 Ω
0.20 Ω
0.25 Ω
0.30 Ω
0.33 Ω
0.40 Ω
0.50 Ω
0.75 Ω
1.00 Ω
1.50 Ω
2.00 Ω
2.50 Ω
3.00 Ω
3.30 Ω
4.00 Ω
5.00 Ω
7.50 Ω
8.00 Ω
MP820 Standard Resistance Values:
10.0 Ω
12.0 Ω
15.0 Ω
20.0 Ω
25.0 Ω
27.0 Ω
Tolerance MP820: ±1% Standard (0.5%, 2%, 5%, 10%, and 20%
are available for most resistance values).
30.0 Ω
33.0 Ω
40.0 Ω
47.0 Ω
50.0 Ω
56.0 Ω
75.0 Ω
100 Ω
120 Ω
150 Ω
200 Ω
250 Ω
300 Ω
330 Ω
400 Ω
470 Ω
500 Ω
560 Ω
750 Ω
1.00 K
1.50 K
2.00 K
2.50 K
3.00 K
3.30 K
4.00 K
5.00 K
7.50 K
10.0 K
Packaging: MP800 Series Resistors are packaged in plastic shipping tubes,
50 pieces per tube when the order quantity permits.
Page 1 of 2


Similar Part No. - MP825

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MP825 ETC1-MP825 Datasheet
129Kb / 2P
Kool-Pak Power Film Resistors
logo
Caddock Electronics, In...
MP825 CADDOCK-MP825 Datasheet
215Kb / 2P
MP800 Series Kool-Pak짰 Power Film Resistors
MP825 CADDOCK-MP825 Datasheet
215Kb / 2P
MP800 Series Kool-Pak짰 Power Film Resistors
More results

Similar Description - MP825

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
RMG35DTD0R1 TOKEN-RMG35DTD0R1 Datasheet
389Kb / 3P
RMG35 Power TO-Style Resistors
RMG50DTD0R1 TOKEN-RMG50DTD0R1 Datasheet
383Kb / 3P
RMG50 To-Style Power Resistors
logo
Caddock Electronics, In...
MP915 CADDOCK-MP915 Datasheet
249Kb / 2P
Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
List of Unclassifed Man...
SEI-TR ETC2-SEI-TR Datasheet
115Kb / 3P
TO-220 and TO-247 Style Power Resistor
CS1 ETC2-CS1 Datasheet
63Kb / 1P
Style CS1 and Style CW
logo
Ohmite Mfg. Co.
AP101 OHMITE-AP101 Datasheet
333Kb / 2P
TO-247 style power package
logo
Caddock Electronics, In...
MP915 CADDOCK-MP915_17 Datasheet
532Kb / 2P
Power Film Resistors TO-126, TO-220 and TO-247 Style
MP2060 CADDOCK-MP2060_17 Datasheet
391Kb / 1P
TO-220 Style Power Resistor Designed for Clip Mounting
MP900 CADDOCK-MP900 Datasheet
532Kb / 2P
MP900 and MP9000 Series Kool-Pak짰 Power Film Resistors TO-126, TO-220 and TO-247 Style
logo
Stackpole Electronics, ...
TR_SERIES SEI-TR_SERIES Datasheet
328Kb / 5P
TO-220 and TO-247 Style Power Resistor
7/26/2022
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com