Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

53111-1XC Datasheet(PDF) 9 Page - Micropac Industries

Part # 53111-1XC
Description  POWER MOSFET OPTOCOUPLER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROPAC [Micropac Industries]
Direct Link  http://www.micropac.com
Logo MICROPAC - Micropac Industries

53111-1XC Datasheet(HTML) 9 Page - Micropac Industries

Back Button 53111-1XC Datasheet HTML 3Page - Micropac Industries 53111-1XC Datasheet HTML 4Page - Micropac Industries 53111-1XC Datasheet HTML 5Page - Micropac Industries 53111-1XC Datasheet HTML 6Page - Micropac Industries 53111-1XC Datasheet HTML 7Page - Micropac Industries 53111-1XC Datasheet HTML 8Page - Micropac Industries 53111-1XC Datasheet HTML 9Page - Micropac Industries 53111-1XC Datasheet HTML 10Page - Micropac Industries 53111-1XC Datasheet HTML 11Page - Micropac Industries  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Micropac Industries cannot assume any responsibility for any circuits shown or represent that they are free from patent infringement.
Micropac reserves the right to make changes at any time in order to improve design and to supply the best product possible.
MICROPAC INDUSTRIES, INC. MICROCIRCUITS PRODUCTS DIVISION
 905 E. Walnut St., Garland, TX 75040  (972) 272-3571  Fax (972) 494-2281
www.micropac.com
E-MAIL: hybridsales@micropac.com
Rev G
02/13/13
9
53111
Power MOSFET Optocoupler
f
O (ON)
V
I-0 (PEAK)
PULSE
GENERATOR
90%
10%
V
A
+
V
3
4
-
F
+
90%
10%
-
5
6
L
DD
R
I F
1
8
V
V
L
O
L
r
t
t f
2. FOR DEVICE TYPE 01, I =10mA,
FOR DEVICE TYPE 02, I =5mA.
F
F
F
AT A (V = 0 V)
O (OFF)
NOTES:
1. LOAD CAPACITANCE (C
)INCLUDES PROBE AND FIXTURE CAPACITANCE.
I-0 (PEAK)
V
1
S
V
VIN
S1
B
C
7
2
(MAX) < 0.8 V
O (OFF)
AT B (NOTE 2)
I-0 (PEAK)
I-0 (PEAK) IS TO BE < 10%
S
OVERSHOOT ON V
OVERSHOOT ON V
dV
dt
=
I-0
(0.8) V
t r
O (ON)
V
1
V
(0.8) V
(MIN) > 3.25 V
OR
I-0 (PEAK)
t
Figure 8. Input-Output Transient Rejection Test Circuit and Waveform.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com