Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLMS2000 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TLMS2000
Description  Low Current MiniLED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMS2000 Datasheet(HTML) 3 Page - Vishay Siliconix

  TLMS2000 Datasheet HTML 1Page - Vishay Siliconix TLMS2000 Datasheet HTML 2Page - Vishay Siliconix TLMS2000 Datasheet HTML 3Page - Vishay Siliconix TLMS2000 Datasheet HTML 4Page - Vishay Siliconix TLMS2000 Datasheet HTML 5Page - Vishay Siliconix TLMS2000 Datasheet HTML 6Page - Vishay Siliconix TLMS2000 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TLMO / S / Y2000
Document Number 83185
Rev. 1.3, 21-Jan-05
Vishay Semiconductors
www.vishay.com
3
Typical Characteristics (Tamb = 25
°C unless otherwise specified)
Figure 1. Power Dissipation vs. Ambient Temperature
Figure 2. Forward Current vs. Ambient Temperature
Figure 3. Rel. Luminous Intensity vs. Angular Displacement
0
20
40
60
80
100
Tamb - Ambient Temperature ( °C)
18556
0
20
40
60
80
100
120
0
5
10
15
20
25
30
35
40
18557
Tamb - Ambient Temperature ( °C)
0
20
40
60
80
100
120
0.4
0.2
0
0.2
0.4
0.6
95 10319
0.6
0.9
0.8
0
°
30
°
10
°
20
°
40
°
50
°
60
°
70
°
80
°
0.7
1.0
Figure 4. Forward Current vs. Forward Voltage
Figure 5. Relative Intensity vs. Wavelength
Figure 6. Forward Current vs. Pulse Length
1
10
100
1.0
1.5
2.0
2.5
3.0
VF - Forward V oltage(V)
17509
Red
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
540 560 580 600 620 640 660 680 700
– Wavelength ( nm )
18266
Orange
Red
Yellow
10
100
1000
0.01
0.10
1.00
10.00
100.00
tp – Pulse Duration ( ms )
17557
tp/T= 0.01
0.05
0.2
0.5
1
0.02
0.1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com