Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH1N200P3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXTH1N200P3
Description  N-Channel Enhancement Mode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH1N200P3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXTH1N200P3 Datasheet HTML 1Page - IXYS Corporation IXTH1N200P3 Datasheet HTML 2Page - IXYS Corporation IXTH1N200P3 Datasheet HTML 3Page - IXYS Corporation IXTH1N200P3 Datasheet HTML 4Page - IXYS Corporation IXTH1N200P3 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTH1N200P3
IXTA1N200P3HV
IXTH1N200P3HV
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or moreof the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 50V, ID = 0.5A, Note 1
0.4
0.7
S
C
iss
646
pF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
50
pF
C
rss
17
pF
t
d(on)
16
ns
t
r
26
ns
t
d(off)
37
ns
t
f
80
ns
Q
g(on)
23.5
nC
Q
gs
V
GS = 10V, VDS = 1kV, ID = 0.5 • ID25
3.1
nC
Q
gd
13.3
nC
R
thJC
1.0
C/W
R
thCS
TO-247
0.21
C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
1
A
I
SM
Repetitive, Pulse Width Limited by T
JM
4
A
V
SD
I
F = IS, VGS = 0V, Note 1
1.5
V
t
rr
I
F = 1A, -di/dt = 100A/μs, VR = 100V
2.3
μs
Note:
1. Pulse test, t
 300s, duty cycle, d  2%.
Resistive Switching Times
V
GS = 10V, VDS = 1kV, ID = 0.5 • ID25
R
G = 5 (External)
TO-263HV Outline
PIN: 1 - Gate
2 - Source
3 - Drain
E
A
C2
L1
D
1
2
b2
C
b
e1
e2
A1
D1
3
E1
H
L3
L4
0
8
A2
L
GAUGE
PLANE
TO-247HV Outline
PINS:
1 - Gate 2 - Source
3, 4 - Drain
E
R
A
Q S
A3
e
c
A1
L1
D3
2X
A2
0P
3
1 2
e1
b
D1
D2
E2
E3
3X
4X
3X
b1
E1
0P1
4
TO-247 Outline
1 - Gate
2,4 - Drain
3 - Source
E
D1
E1
D2
A1
L1
P1
C
B
A
b
b2
b4
R
D
L
e
S
A
D
C
Q
1
2
3
4
A2
D
L



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com