Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXTH1N250 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXTH1N250
Description  N-Channel Enhancement Mode Fast Intrinsic Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXTH1N250 Datasheet(HTML) 4 Page - IXYS Corporation

  IXTH1N250 Datasheet HTML 1Page - IXYS Corporation IXTH1N250 Datasheet HTML 2Page - IXYS Corporation IXTH1N250 Datasheet HTML 3Page - IXYS Corporation IXTH1N250 Datasheet HTML 4Page - IXYS Corporation IXTH1N250 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXTH1N250
Fig. 7. Transconductance
0
0.5
1
1.5
2
2.5
3
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
ID - Amperes
TJ = - 40ºC
125ºC
25ºC
Fig. 8. Forward Voltage Drop of
Intrinsic Diode
0
0.5
1
1.5
2
2.5
3
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VSD - Volts
TJ = 125ºC
TJ = 25ºC
Fig. 9. Gate Charge
0
1
2
3
4
5
6
7
8
9
10
0
5
10
15
20
25
30
35
40
45
QG - NanoCoulombs
VDS = 600V
I D = 500mA
I G = 10mA
Fig. 10. Capacitance
10
100
1,000
10,000
0
5
10
15
20
25
30
35
40
VDS - Volts
f = 1MHz
Ciss
Crss
Coss
Fig. 11. Forward-Bias Safe Operating Area
@ TC = 25ºC
0.01
0.1
1
10
100
1,000
10,000
VDS - Volts
TJ = 150ºC
TC = 25ºC
Single Pulse
100ms
1ms
100µs
RDS(on) Limit
10ms
DC
25µs
Fig. 12. Forward-Bias Safe Operating Area
@ TC = 75ºC
0.01
0.1
1
10
100
1,000
10,000
VDS - Volts
TJ = 150ºC
TC = 75ºC
Single Pulse
100ms
1ms
100µs
RDS(on) Limit
10ms
DC
25µs



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com