Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

24LLC02T Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 24LLC02T
Description  2K-bit Serial EEPROM for Low Power
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

24LLC02T Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 24LLC02T Datasheet HTML 4Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 5Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 6Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 7Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 8Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 9Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 10Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 11Page - List of Unclassifed Manufacturers 24LLC02T Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
BYTE WRITE OPERATION
In a complete byte write operation, the master transmits the slave address, word address, and one data byte to
the 24LLC02 slave device (see Figure 1-9).
Slave Address
Start
Word Address
Data
Stop
A
C
K
A
C
K
A
C
K
Figure 1-9. Byte Write Operation
Following the Start condition, the master sends the device identifier (4 bits), the device address (3 bits), and an
R /W bit set to “0” onto the bus. Then the addressed 24LLC02 generates an ACK and waits for the next byte.
The next byte to be transmitted by the master is the word address. This 8-bit address
is written into the word address pointer of the 24LLC02.
When the 24LLC02 receives the word address, it responds by issuing an ACK and then waits for the next 8-bit
data. When it receives the data byte, the 24LLC02 again responds with an ACK.The master terminates the
transfer by generating a Stop condition, at which time the 24LLC02 begins the internal write cycle.
While the internal write cycle is in progress, all 24LLC02 inputs are disabled and the 24LLC02 does not respond
to additional requests from the master.
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU , TAOYUAN, TAIWAN, R.O.C
Email: server@ceramate.com.tw
Tel:886-3-3529445
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
8 of 19
Rev 1.2 May 6,2002
24LLC02
2K-bit Serial EEPROM for Low Power



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com