Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HMC263LP4E Datasheet(PDF) 5 Page - Analog Devices

Part # HMC263LP4E
Description  GaAs MMIC LOW NOISE AMPLIFIER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

HMC263LP4E Datasheet(HTML) 5 Page - Analog Devices

  HMC263LP4E Datasheet HTML 1Page - Analog Devices HMC263LP4E Datasheet HTML 2Page - Analog Devices HMC263LP4E Datasheet HTML 3Page - Analog Devices HMC263LP4E Datasheet HTML 4Page - Analog Devices HMC263LP4E Datasheet HTML 5Page - Analog Devices HMC263LP4E Datasheet HTML 6Page - Analog Devices HMC263LP4E Datasheet HTML 7Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
For price, delivery, and to place orders: Analog Devices, Inc., One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106
Phone: 781-329-4700 • Order online at www.analog.com
Application Support: Phone: 1-800-ANALOG-D
5
HMC263LP4E
v02.1017
GaAs MMIC LOW NOISE
AMPLIFIER, 24 - 36 GHz
Outline Drawing
part Number
package Body material
lead finish
msl rating
package marking [1]
HmC263lp4e
roHs-compliant low stress injection molded plastic
100% matte sn
msl3
[2]
H263
XXXX
[1] 4-Digit lot number XXXX
[2] max peak reflow temperature of 260 °C
Package Information
Absolute Maximum Ratings
Drain Bias Voltage (Vdd1, Vdd2)
+5.5 Vdc
rf input power (rfiN)(Vdd = +3 Vdc)
-5 dBm
Channel Temperature
175 °C
Continuous pdiss (T = 85 °C)
(derate 7.7 mw/°C above 85 °C)
0.7 w
Thermal resistance
(channel to ground paddle)
130 °C/w
storage Temperature
-65 to +150 °C
operating Temperature
-40 to +85 °C
eleCTrosTATiC seNsiTiVe DeViCe
oBserVe HANDliNG preCAUTioNs
0.50
BSC
0.50
0.40
0.30
COMPLIANT TO JEDEC STANDARDS MO-220-VGGD-8.
24-Lead Lead Frame Chip Scale Package [LFCSP]
4 x 4 mm Body and 0.85 mm Package Height
(CP-24-16)
Dimensions shown in millimeters
BOTTOM VIEW
TOP VIEW
4.10
4.00 SQ
3.90
0.90
0.85
0.80
0.05 MAX
0.02 NOM
0.20 REF
COPLANARITY
0.08
PIN 1
INDICATOR
1
24
7
12
13
18
19
6
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.30
0.25
0.18
0.20 MIN
2.85
2.70 SQ
2.55
EXPOSED
PAD
SEATING
PLANE
PIN 1
INDICATOR AREA OPTIONS
(SEE DETAIL A)
DETAIL A
(JEDEC 95)
24-lead lead frame Chip scale package [lfCsp]
4 mm × 4 mm Body and 0.85 mm package Height
(Cp-24-16)
Dimensions shown in millimeters.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com