Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8028 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8028
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8028 Datasheet HTML 7Page - Analog Devices AD8028 Datasheet HTML 8Page - Analog Devices AD8028 Datasheet HTML 9Page - Analog Devices AD8028 Datasheet HTML 10Page - Analog Devices AD8028 Datasheet HTML 11Page - Analog Devices AD8028 Datasheet HTML 12Page - Analog Devices AD8028 Datasheet HTML 13Page - Analog Devices AD8028 Datasheet HTML 14Page - Analog Devices AD8028 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
AD8027/AD8028
Rev. B | Page 11 of 24
FREQUENCY (MHz)
0.1
1
10
20
–140
–120
–100
–80
–60
–40
–20
VS = +5
VOUT = 2.0V p-p
SECOND HARMONIC: SOLID LINE
THIRD HARMONIC: DASHED LINE
G = +2
G = +1
G = +10
03327-A-026
Figure 27. Harmonic Distortion vs. Frequency and Gain
–0.20
–0.15
–0.10
–0.05
0.05
0
0.10
0.15
0.20
G = +1
VS = ± 2.5V
20ns/DIV
50mV/DIV
03327-A-027
Figure 28. Small Signal Transient Response
–2.0
–1.0
0
1.0
2.0
100ns/DIV
500mV/DIV
G = +1
VS = ±2.5V
VOUT = 4V p-p
VOUT = 2V p-p
03327-A-028
Figure 29. Large Signal Transient Response, G = +1
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
1.5
2.0
2.5
G = +2
VS = ±2.5V
VOUT = 4V p-p
VOUT = 2V p-p
20ns/DIV
50mV/DIV
03327-A-029
Figure 30. Large Signal Transient Response, G = +2
–0.20
–0.15
–0.10
–0.05
0.05
0
0.10
0.15
0.20
G = +1
VS = ±2.5V
CL = 20pF
CL = 5pF
20ns/DIV
50mV/DIV
03327-A-030
Figure 31. Small Signal Transient Response with Capacitive Load
–4.0
–3.0
–2.0
–1.0
0
1.0
2.0
3.0
4.0
–3.5
–2.5
–1.5
–0.5
0.5
1.5
2.5
3.5
50ns/DIV
500mV/DIV
G = –1
RL = 1kΩ
VS = ±2.5V
03327-A-031
Figure 32. Output Overdrive Recovery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com