Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4625-1ARDZ-R7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4625-1ARDZ-R7
Description  Low Noise, Fast Settling Single Supply, RRO, JFET Op Amp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4625-1ARDZ-R7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4625-1ARDZ-R7 Datasheet HTML 18Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 19Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 20Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 21Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 22Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 23Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 24Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 25Page - Analog Devices ADA4625-1ARDZ-R7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
ADA4625-1
Data Sheet
Rev. 0 | Page 22 of 30
APPLICATIONS INFORMATION
ACTIVE LOOP FILTER FOR PHASE-LOCKED LOOPS
(PLLS)
PLL Basic
A PLL is a feedback system that combines a phase detector
(PD), a loop filter, and a voltage controlled oscillator (VCO)
that is so connected that the oscillator maintains a constant
frequency (or phase angle) relative to the reference signal. The
functional block diagram of a basic PLL is shown in Figure 71.
PHASE
DETECTOR
CHARGE
PUMP
N DIVIDER
LOOP
FILTER
VCO
fREF
fOUT
Figure 71. Basic PLL
The phase detector detects the phase difference between the
input reference signal and the feedback signal. The resulting
error signal is proportional to the relative phase of the input
and the feedback signals. The charge pump converts the PD
error signal into current pulses. A loop filter circuit is typically
required to integrate and smooth the source and sink current
pulses from the charge pump into a voltage, which in turn,
drives the VCO. The VCO outputs a range of frequencies
depending on the voltage level at its tuning port. By making
the frequency N divider programmable, the VCO frequency
can be tuned in either integer steps or fractional amounts
characterizing the PLL as either an integer-N PLL or a
fractional-N PLL. Because a PLL is a negative feedback loop,
the output of the VCO adjusts as necessary until the frequency
error signal is zero and the PLL is in lock. The output frequency
is given by fOUT = N × fREF.
Figure 72 shows the block diagram of the basic PLL model in
the Laplace transform format, where fREF is the frequency of the
input signal, and fOUT is the frequency of the VCO output signal.
Because the phase difference is the integral of the frequency
difference, there is a 1/s term in the PLL loop.
PHASE
DETECTOR
+
–
PD
CHARGE
PUMP
LOOP
FILTER
N DIVIDER
VCO
fREF
fOUT
Kd
Z(s)
KV
1
N
1
s
Figure 72. Basic PLL Model
Loop Filter
The loop filter, which smooths out the error signal, is a critical
part of the system. For applications that require low phase noise
and a wide tuning range, design the VCO with a low gain and a
large input voltage range to satisfy these requirements. When the
required VCO tuning voltage is higher than the maximum
voltage the charge pump can supply, implement an active loop
filter comprising of an op amp with gain to accommodate the
higher tuning voltages. Figure 73 and Figure 74 illustrate the typical
active loop filters in inverting and noninverting topologies,
respectively, with prefiltering.
CHARGE
PUMP
OUTPUT
VCO
INPUT
Figure 73. Typical Active Loop Filter—Inverting Topology
CHARGE
PUMP
OUTPUT
VCO
INPUT
Figure 74. Typical Active Loop Filter—Noninverting Topology
The inverting topology has the advantage of biasing the charge
pump output at a fixed voltage, typically one-half the charge
pump voltage (VP/2), which is optimal for spur performance.
When using the inverting topology, ensure that the PLL IC
allows the phase detector polarity to be inverted for the correct
polarity voltage at the output of the op amp for driving the VCO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com