Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9876 Datasheet(PDF) 11 Page - Analog Devices

Part # AD9876
Description  Broadband Modem Mixed-Signal Front End
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9876 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9876 Datasheet HTML 7Page - Analog Devices AD9876 Datasheet HTML 8Page - Analog Devices AD9876 Datasheet HTML 9Page - Analog Devices AD9876 Datasheet HTML 10Page - Analog Devices AD9876 Datasheet HTML 11Page - Analog Devices AD9876 Datasheet HTML 12Page - Analog Devices AD9876 Datasheet HTML 13Page - Analog Devices AD9876 Datasheet HTML 14Page - Analog Devices AD9876 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
REV. A
AD9876
–11–
20
22
24
26
28
30
34
32
36
38
40
64
80
96
112
128
144
160
176
192
TPC 17. Rx vs. Tuning Target, fADC = 32 MHz,
LPF with Wideband Rx LPF = 1
VGA GAIN – dB
–0.80
–0.60
–0.40
–0.20
0.00
0.20
0.60
0.40
–6 –4 –2 02468 10 12 14 16 18 20 22 24 26 28 30 32 34 36
TPC 18. PGA Gain Error vs. Gain
Typical Tx Digital Filter Performance Characteristics
8
9
10
11
12
13
15
14
16
17
18
48
64
80
96
112
128
144
160
176
192
TPC 19. fC vs. Tuning Target, fADC = 32 MHz,
LPF with Wideband Rx LPF = 0
VGA GAIN – dB
1.5
1.6
1.7
1.8
1.9
2.0
2.2
2.1
2.3
2.4
2.5
–6 –4 –2 02468 10 12 14 16 18 20 22 24 26 28 30 32 34 36
TPC 20. PGA Gain Step Size vs. Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com