Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCMP572 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP572
Description  Ultrafast 3.3 V Single-Supply Comparators
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP572 Datasheet(HTML) 3 Page - Analog Devices

  ADCMP572 Datasheet HTML 1Page - Analog Devices ADCMP572 Datasheet HTML 2Page - Analog Devices ADCMP572 Datasheet HTML 3Page - Analog Devices ADCMP572 Datasheet HTML 4Page - Analog Devices ADCMP572 Datasheet HTML 5Page - Analog Devices ADCMP572 Datasheet HTML 6Page - Analog Devices ADCMP572 Datasheet HTML 7Page - Analog Devices ADCMP572 Datasheet HTML 8Page - Analog Devices ADCMP572 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Preliminary Technical Data
ADCMP572/ADCMP573
Rev. PrB | Page 3 of 16
ELECTRICAL CHARACTERISTICS
VCCI = VCCO = 3.3 V, TA = 25°C, unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DC INPUT CHARACTERISTICS
Input Voltage Range
VP, VN
VCCI = 3.3 V, VCCO = 3.3 V
−0.2
+1.2
V
VCCI = 5.2 V, VCCO = 3.3 V
−0.2
+3.2
V
Input Differential Voltage
−1.2
+1.2
V
Input Offset Voltage
VOS
−5.0
±2.0
+5.0
mV
Offset Voltage Tempco
∆V
OS
/dT
10.0
µV/°C
Input Bias Current
IP, IN
Open termination
−50.0
−25.0
0.0
µA
Input Bias Current Tempco
50.0
nA/°C
Input Offset Current
−5.0
±2.0
+5.0
µA
Input Capacitance
CP, CN
TBD
pF
Input Impedance
47.5
50
52.5
Input Resistance, Differential Mode
Open termination
50
kΩ
Input Resistance, Common Mode
Open termination
500
kΩ
Active Gain
AV
54
dB
VCCI = 3.3 V, VCCO = 3.3 V,
VCM = 0.0 V to 1.0 V
50
dB
Common-Mode Rejection
CMRR
VCCI = 5.2 V, VCCO = 3.3 V,
VCM = 0.0 V to 3.0 V
40
dB
Hysteresis
RHYS =
±1
mV
LATCH ENABLE CHARACTERISTICS
ADCMP572
Latch Enable Input Range
2.8
VCCO+0.2
V
Latch Enable Input Differential
0.2
0.4
0.5
V
Latch Setup Time
tS
VOD = 100 mV
15
ps
Latch Hold Time
tH
VOD = 100 mV
0
ps
ADCMP573
Latch Enable Input Range
1.8
VCCO−0.6
V
Latch Enable Input Differential
0.2
0.4
0.5
V
Latch Setup Time
tS
VOD = 100 mV
0
ps
Latch Hold Time
tH
VOD = 100 mV
50
ps
Latch Enable Input Impedance
47.5
50.0
52.5
Latch to Output Delay
tPLOH,
tPLOL
VOD = 100 mV
150
ps
Latch Minimum Pulse Width
tPL
VOD = 100 mV
100
ps
DC OUTPUT CHARACTERISTICS
ADCMP572 (CML)
Output Impedance
ZOUT
−8 mA < I OUT < 8 mA
47.5
50.0
52.5
Output Voltage High Level
VOH
50 Ω terminate to VCCO
VCCO−0.10
VCCO−0.05
VCCO
V
Output Voltage Low Level
VOL
50 Ω terminate to VCCO
VOH−0.45
VOH−0.40
VOH−0.35
V
Output Voltage Differential
50 Ω terminate to VCCO
350
400
450
mV
Temperature Coefficient, VOH
∆V
OH
/dT
50 Ω terminate to VCCO
TBD
mV/°C
Temperature Coefficient, VOL
∆V
OL
/dT
50 Ω terminate to VCCO
TBD
mV/°C
ADCMP573 (RSPECL)
Output Voltage High Level
VOH
50 Ω terminate to VCCO−2.0
VCCO−0.90
VCCO−0.80
VCCO−0.70
V
Output Voltage Low Level
VOL
50 Ω terminate to VCCO−2.0
VOH−0.45
VOH−0.40
VOH−0.35
V
Output Voltage Differential
50 Ω terminate to VCCO−2.0
350
400
450
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com