Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APC308 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part # APC308
Description  Rail to Rail Output CMOS Operating Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

APC308 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Back Button APC308 Datasheet HTML 7Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 8Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 9Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 10Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 11Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 12Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 13Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 14Page - List of Unclassifed Manufacturers APC308 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Copyright
 ANPEC Electronics Corp.
Rev. A.1 - Oct., 2001
APC308
www.anpec.com.tw
14
Reliability test program
Test item
Method
Description
SOLDERABILITY
MIL-STD-883D-2003
245°C , 5 SEC
HOLT
MIL-STD-883D-1005.7
1000 Hrs Bias @ 125 °C
PCT
JESD-22-B, A102
168 Hrs, 100 % RH , 121°C
TST
MIL-STD-883D-1011.9
-65°C ~ 150°C, 200 Cycles
ESD
MIL-STD-883D-3015.7
VHBM > 2KV, VMM > 200V
Latch-Up
JESD 78
10ms , IJH > 100mA
Carrier Tape & Reel Dimensions
A
J
B
T2
T1
C
t
Ao
E
W
Po
P
Ko
Bo
D1
D
F
P1
(mm)
Application
A
B
C
J
T1
T2
W
P
E
SOP- 8
330 ± 1 62 ± 1.5
12.75
+0.1 5
2 + 0.5 12.4 + 0.2 2 ± 0.2 12 + 0.3
- 0.1
8.0 ± 0.1 1.75 ± 0.1
TSSOP- 8 330 ± 1 62 ± 1.5
12.75
±0.1 5
2 + 0.5 12.4 + 0.2 2 ± 0.2 12 + 0.3
- 0.1
8.0 ± 0.1 1.75 ± 0.1
Application
F
D
D1
Po
P1
Ao
Bo
Ko
t
SOP- 8
5.5 ± 0.1 1.55 ± 0.1 1.5+0.25 4.0 ± 0.1 2.0 ± 0.1 6.4 ± 0.1 5.2 ± 0.1 2.1 ± 0.1
0.3
±0.013
TSSOP- 8 5.5 ± 0. 1.5 + 0.1 1.5 + 0.1 4.0 ± 0.1 2.0 ± 0.1 7.0 ± 0.1 3.6 ± 0.3 1.6 ± 0.1
0.3
±0.013



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com