Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATS137 Datasheet(PDF) 6 Page - Anachip Corp

Part # ATS137
Description  Single Hall Effect Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

ATS137 Datasheet(HTML) 6 Page - Anachip Corp

  ATS137 Datasheet HTML 1Page - Anachip Corp ATS137 Datasheet HTML 2Page - Anachip Corp ATS137 Datasheet HTML 3Page - Anachip Corp ATS137 Datasheet HTML 4Page - Anachip Corp ATS137 Datasheet HTML 5Page - Anachip Corp ATS137 Datasheet HTML 6Page - Anachip Corp ATS137 Datasheet HTML 7Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Single Hall Effect Switch
ATS137
Anachip Corp.
www.anachip.com.tw
Rev. A5 Jul 14, 2004
6/7
ATC
Marking Information
(1) SOT23
(2) SIP3
JA: ATS137
XX YM X
Date code
Y : Year
M : Month (A~L)
(Top View)
ID code
A~Z: Non-Lead Free
a~z: Lead Free
137
YWW X
Date code
Y : Year
WW : Nth week
(Top View)
ID code
A~Z: Non-Lead Free
a~z : Lead Free
Package Information
(1)Package Type: SIP-3L
Active Area Depth
Sensor Location
12
3
2.10mm
1.55mm
0.51mm
NOM
BRANDED
SURFACE
Package Dimension
1.57mm
1.47mm
4.17mm
4.04mm
1.82
mm
15.50mm
13.00mm
1
2
3
1.27mm
0.41mm
0.41mm
45º
45º
0.38mm
0.7mm
3.10mm
2.97mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com