Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8028ARM Datasheet(PDF) 20 Page - Analog Devices

Part # AD8028ARM
Description  Low Distortion, High Speed Rail-to-Rail Input/Output Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8028ARM Datasheet(HTML) 20 Page - Analog Devices

Back Button AD8028ARM Datasheet HTML 16Page - Analog Devices AD8028ARM Datasheet HTML 17Page - Analog Devices AD8028ARM Datasheet HTML 18Page - Analog Devices AD8028ARM Datasheet HTML 19Page - Analog Devices AD8028ARM Datasheet HTML 20Page - Analog Devices AD8028ARM Datasheet HTML 21Page - Analog Devices AD8028ARM Datasheet HTML 22Page - Analog Devices AD8028ARM Datasheet HTML 23Page - Analog Devices AD8028ARM Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
AD8027/AD8028
Rev. B | Page 20 of 24
APPLICATIONS
Using the AD8027/AD8028 SELECT Pin
The AD8027/AD8028 features a unique SELECT pin with two
functions. The first is a power-down function that places the
AD8027/AD8028 into low power consumption mode. In the
power-down mode, the amplifier draws 450 µA (typ) of supply
current.
The second function, as mentioned in the Theory of Operation
section, shifts the crossover point (where the NPN/PNP input
differential pairs transition from one to the other) closer to
either the positive supply rail or the negative supply rail. This
selectable crossover point allows the user to minimize
distortion based on the input signal and environment. The
default state is 1.2 V from the positive power supply, with the
SELECT pin left floating or in tri-state.
Table 6 shows the required voltages and modes of the
SELECT pin.
Table 6. SELECT Pin Mode Control
SELECT Pin Voltage (V)
Mode
VS = ±5 V
VS = +5 V
VS = +3 V
Disable
–5 to –4.2
0 to 0.8
0 to 0.8
Crossover Referenced
–1.2 V to Positive Supply
–4.2 to –3.3
0.8 to 1.7
0.8 to 1.7
Crossover Referenced
+1.2 V to Negative Supply
–3.3 to +5
1.7 to 5.0
1.7 to 3.0
When the input stage transitions from one input differential
pair to the other, there is virtually no noticeable change in the
output waveform.
The disable time of the AD8027/AD8028 amplifier is load
dependent. Typical data is presented in Table 7. See Figure 52
and Figure 53 for the actual switching measurements.
Table 7. DISABLE Switching Speeds
Supply Voltages (RL = 1 kΩ)
±5 V
+5 V
+3 V
tON
45 ns
50 ns
50 ns
tOFF
980 ns
1100 ns
1150 ns
Driving a 16-Bit ADC
With the adjustable crossover distortion selection point and low
noise, the AD8028 is an ideal amplifier for driving or buffering
input signals into high resolution ADCs, such as the AD7677, a
16-Bit, 1 LSB INL, 1 MSPS differential ADC. Figure 60 shows
the typical schematic for driving the ADC.
The AD8028
driving the AD7677 offers performance close to non-rail-to-
rail amplifiers and avoids the need for an additional supply,
other than the single 5 V supply already used by the ADC.
In this application, the SELECT pins are biased to avoid the
crossover region of the AD8028 for low distortion
operation.
+5V
+5V
+
–
AD8028
ANALOG INPUT +
INPUT RANGE
(0.15V TO 2.65V)
SELECT
(OPEN)
SELECT
(OPEN)
+
–
ANALOG INPUT –
AD7677
+5V
16 BITS
15
Ω
15
Ω
2.7nF
4MHz LPF
4MHz LPF
2.7nF
0.1
µF
0.1
µF
AD8028
03327-A-059
Figure 60. Unity Gain Differential Drive
As seen in Figure 61, the AD8028 and AD7677 combination
offers excellent integral nonlinearity (INL). Summary test data
for the schematic shown in Figure 60 is presented in Table 8.
Table 8. ADC Driver Performance,
fC = 100 kHz, VOUT = 4.7 V p-p
Parameter
Measurement
Second Harmonic Distortion
–105dB
Third Harmonic Distortion
–102dB
THD
–102 dB
SFDR
105 dBc
CODE
0
16384
32768
49152
65536
–1.0
–0.5
0
0.5
1.0
03327-A-060
Figure 61. Integral Nonlinearity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com