Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI3865CD Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SI3865CD
Description  Load Switch with Level-Shift
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3865CD Datasheet(HTML) 2 Page - Vishay Siliconix

  SI3865CD Datasheet HTML 1Page - Vishay Siliconix SI3865CD Datasheet HTML 2Page - Vishay Siliconix SI3865CD Datasheet HTML 3Page - Vishay Siliconix SI3865CD Datasheet HTML 4Page - Vishay Siliconix SI3865CD Datasheet HTML 5Page - Vishay Siliconix SI3865CD Datasheet HTML 6Page - Vishay Siliconix SI3865CD Datasheet HTML 7Page - Vishay Siliconix SI3865CD Datasheet HTML 8Page - Vishay Siliconix SI3865CD Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
2
Document Number: 69010
S10-2142-Rev. C, 20-Sep-10
Vishay Siliconix
Si3865CDV
New Product
FUNCTIONAL BLOCK DIAGRAM
Notes:
a. Surface Mounted on FR4 board.
b. VIN = 8 V, VON/OFF = 8 V, TA = 25 °C.
c. Pulse test: pulse width
300 µs, duty cycle 2 %.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
TSOP-6
Top View
6
4
1
2
3
5
S2
ON/OFF
R1, C1
D2
D2
R2
Ordering Information: Si3865CDV-T1-E3 (Lead (Pb)-free)
Si3865CDV-T1-GE3 (Lead (Pb)-free and Halogen-free)
D2
S2
ON/OFF
R2
1
4
6
5
Q1
Q2
Si3865CDV
R1, C1
2, 3
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Limit
Unit
Input Voltage
VIN (VDS2)
12
V
Gate-Source Voltage
VGS2
8
ON/OFF Voltage
VON/OFF (VGS1)
8
Load Current
Continuousa, b
IL
± 2.8
A
Pulsedb, c
± 6
Continuous Intrinsic Diode Conductiona
IS
- 1
Maximum Power Dissipationa
PD
0.83
W
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
ESD Rating, MIL-STD-883D Human Body Model (100 pF, 1500
)
ESD
3
kV
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambient (continuous current)a
RthJA
130
150
°C/W
Maximum Junction-to-Foot (Q2)
RthJF
75
90
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
OFF Characteristics
Reverse Leakage Current
IFL
VIN = 12 V, VON/OFF = 0 V
1
µA
Diode Forward Voltage
VSD
IS = - 1 A
- 0.77
- 1
V
ON Characteristics
Input Voltage Range
VIN (VDS2)
1.8
12
V
On-Resistance (P-Channel) at 1 A
RDS(on)
VON/OFF = 1.5 V, ID = 1 A
VIN = 4.5 V
0.050
0.060
VIN = 2.5 V
0.073
0.095
VIN = 1.8 V
0.100
0.130
On-State (P-Channel) Drain-Current
ID(on)
VIN-OUT 0.2 V, VIN = 5 V, VON/OFF = 1.5 V
1
A
VIN-OUT 0.3 V, VIN = 3 V, VON/OFF = 1.5 V
1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com