Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SIC437 Datasheet(PDF) 13 Page - Vishay Siliconix

Part # SIC437
Description  Synchronous Buck Regulators 28 V Input, 12 A (SiC437) and 8 A (SiC438)
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIC437 Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button SIC437 Datasheet HTML 9Page - Vishay Siliconix SIC437 Datasheet HTML 10Page - Vishay Siliconix SIC437 Datasheet HTML 11Page - Vishay Siliconix SIC437 Datasheet HTML 12Page - Vishay Siliconix SIC437 Datasheet HTML 13Page - Vishay Siliconix SIC437 Datasheet HTML 14Page - Vishay Siliconix SIC437 Datasheet HTML 15Page - Vishay Siliconix SIC437 Datasheet HTML 16Page - Vishay Siliconix SIC437 Datasheet HTML 17Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
SiC437, SiC438
www.vishay.com
Vishay Siliconix
S18-0030-Rev. B, 15-Jan-18
13
Document Number: 75921
For technical questions, contact: powerictechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ELECTRICAL CHARACTERISTICS
(VIN = 12 V, VOUT = 1.2 V, fsw = 500 kHz, COUT = 47 μF x 7, CIN = 10 μF x 6, unless otherwise noted)
Fig. 32 - Startup with VIN, t = 5 ms/div
Fig. 33 - Startup with EN, t = 1 ms/div
Fig. 34 - Load Step, 6 A to 12 A, 1 A/μs, t = 10 μs/div
Fig. 35 - Shut down with VIN, t = 20 ms/div
Fig. 36 - Shut down with EN, t = 100 ms/div
Fig. 37 - Load Release, 12 A to 6 A, 1 A/μs, t = 10 μs/div
Vin, 5V/div
VDD, 5V/div
Vo, 500mV/div
VPgood, 5V/div
VEN, 5V/div
VDD, 5V/div
Vo, 500mV/div
VPgood, 5V/div
Vo, 50mV/div
Io, 10A/div
SW, 10V/div
Vin, 5V/div
VDD, 5V/div
Vo, 500mV/div
VPgood, 5V/div
VEN, 5V/div
VDD, 5V/div
Vo, 500mV/div
VPgood, 5V/div
Vo, 50mV/div
Io, 10A/div
SW, 10V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com