Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KLB13 Datasheet(PDF) 1 Page - Lumberg

Part # KLB13
Description  Jack connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

KLB13 Datasheet(HTML) 1 Page - Lumberg

  KLB13 Datasheet HTML 1Page - Lumberg KLB13 Datasheet HTML 2Page - Lumberg KLB13 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
15 KLB 13
01/2018
1
Jack connectors
Jack chassis socket acc. to JIS C 6560 JC25J3A, 2.5 mm, 3
poles/stereo, with solder eyes, upright version, for back
side mounting
State: Active
of 3


Similar Part No. - KLB13

ManufacturerPart #DatasheetDescription
logo
Lumberg
KLB13 LUMBERG-KLB13_V01 Datasheet
135Kb / 1P
Jack connectors according to JIS C 6560, 2.5 mm
05/2015
More results

Similar Description - KLB13

ManufacturerPart #DatasheetDescription
logo
Lumberg
150001 LUMBERG-150001 Datasheet
445Kb / 3P
Jack connectors
150102 LUMBERG-150102 Datasheet
526Kb / 3P
Jack connectors
150106 LUMBERG-150106 Datasheet
1Mb / 3P
Jack connectors
150111 LUMBERG-150111 Datasheet
1Mb / 3P
Jack connectors
150203 LUMBERG-150203 Datasheet
608Kb / 3P
Jack connectors
150310 LUMBERG-150310 Datasheet
709Kb / 3P
Jack connectors
150312 LUMBERG-150312 Datasheet
986Kb / 3P
Jack connectors
153205 LUMBERG-153205 Datasheet
996Kb / 3P
Jack connectors
153206 LUMBERG-153206 Datasheet
433Kb / 3P
Jack connectors
KLBPS3 LUMBERG-KLBPS3 Datasheet
819Kb / 3P
Jack connectors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com