Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE3C4064 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE3C4064
Description  Snap-On MMBX Plug to Snap-On MMBX Plug Cable Using PE-SR405FLJ Coax
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3C4064 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE3C4064 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3C4064 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3C4064 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3C4064 Datasheet HTML 4Page - Pasternack Enterprises, Inc. PE3C4064 Datasheet HTML 5Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Configuration
• Connector 1: Snap-On MMBX Plug
• Connector 2: Snap-On MMBX Plug
• Cable Type: PE-SR405FLJ
Features
• Max. Operating Frequency of 12.4 GHz
• Snap-On mating
•
Low Profile Right Angle Configurations
•
SMA Bulkhead, N Bulkhead and TNC Bulkhead Between-
Series Configurations
Applications
•
General Purpose Test
• PCB Probing
•
PCB Testing
• PCB-to-Panel
.
Description
Pasternack’s MMBX cable assemblies are part of our full line of RF components available for same-day shipping. These
MMBX cable assemblies are designed to connect MMBX system components or test connections, delivering signal frequen-
cies as high as 12.4 GHz. Our family of MMBX cables can also be used to connect from PCB to panel, offering between series
MMBX options with SMA Bulkhead, TNC Bulkhead and N Bulkhead assembly configurations. If none of our standard options
fit your application, you can specify your own custom MMBX cable assembly using Pasternack’s online Cable Creator.
Our MMBX cable assembly datasheet specifications and drawing with dimensions are shown below in this PDF. Pasternack’s
broad catalog of RF, microwave and millimeter wave cable assemblies allow designers to configure and customize their signal
connections however they like. Whether the need is to provide an I/O for a board design, or simply create a custom cable
assembly configuration, Pasternack has the right cable assemblies for the job. Pasternack can also expertly build your custom
cable assemblies for you and ship same day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
12.4
GHz
VSWR
1.4:1
Return Loss
-15.56
dB
Velocity of Propagation
69.5
%
RF Shielding
100
dB
Group Delay
1.43 [4.69]
ns/ft [ns/m]
Capacitance
29 [95.14]
pF/ft [pF/m]
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Snap-On MMBX Plug to Snap-On MMBX Plug Cable Using PE-SR405FLJ Coax PE3C4064
PE3C4064 REV 1.0
Snap-On MMBX Plug to Snap-On MMBX Plug
Cable Using PE-SR405FLJ Coax
RF Cable Assemblies Technical Data Sheet
PE3C4064


Similar Part No. - PE3C4064

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C4064-12 PASTERNACK-PE3C4064-12 Datasheet
457Kb / 4P
Snap-On MMBX Plug to Snap-On MMBX Plug Cable 12 Inch Length Using PE-SR405FLJ Coax
PE3C4064-18 PASTERNACK-PE3C4064-18 Datasheet
457Kb / 4P
Snap-On MMBX Plug to Snap-On MMBX Plug Cable 18 Inch Length Using PE-SR405FLJ Coax
PE3C4064-24 PASTERNACK-PE3C4064-24 Datasheet
457Kb / 4P
Snap-On MMBX Plug to Snap-On MMBX Plug Cable 24 Inch Length Using PE-SR405FLJ Coax
PE3C4064-4 PASTERNACK-PE3C4064-4 Datasheet
457Kb / 4P
Snap-On MMBX Plug to Snap-On MMBX Plug Cable 4 Inch Length Using PE-SR405FLJ Coax
PE3C4064-6 PASTERNACK-PE3C4064-6 Datasheet
457Kb / 4P
Snap-On MMBX Plug to Snap-On MMBX Plug Cable 6 Inch Length Using PE-SR405FLJ Coax
More results

Similar Description - PE3C4064

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE3C3985 PASTERNACK-PE3C3985 Datasheet
430Kb / 4P
Snap-On MMBX Plug to Snap-On MMBX Plug Cable Using RG178 Coax
PE3C4014 PASTERNACK-PE3C4014 Datasheet
429Kb / 4P
Snap-On MMBX Plug to Snap-On MMBX Plug Cable Using RG316 Coax
PE3C4031 PASTERNACK-PE3C4031 Datasheet
431Kb / 4P
Snap-On MMBX Plug to Snap-On MMBX Plug Cable Using RG174 Coax
PE3C4064-4 PASTERNACK-PE3C4064-4 Datasheet
457Kb / 4P
Snap-On MMBX Plug to Snap-On MMBX Plug Cable 4 Inch Length Using PE-SR405FLJ Coax
PE3C4064-6 PASTERNACK-PE3C4064-6 Datasheet
457Kb / 4P
Snap-On MMBX Plug to Snap-On MMBX Plug Cable 6 Inch Length Using PE-SR405FLJ Coax
PE3C4064-8 PASTERNACK-PE3C4064-8 Datasheet
457Kb / 4P
Snap-On MMBX Plug to Snap-On MMBX Plug Cable 8 Inch Length Using PE-SR405FLJ Coax
PE3C4064-12 PASTERNACK-PE3C4064-12 Datasheet
457Kb / 4P
Snap-On MMBX Plug to Snap-On MMBX Plug Cable 12 Inch Length Using PE-SR405FLJ Coax
PE3C4064-18 PASTERNACK-PE3C4064-18 Datasheet
457Kb / 4P
Snap-On MMBX Plug to Snap-On MMBX Plug Cable 18 Inch Length Using PE-SR405FLJ Coax
PE3C4064-24 PASTERNACK-PE3C4064-24 Datasheet
457Kb / 4P
Snap-On MMBX Plug to Snap-On MMBX Plug Cable 24 Inch Length Using PE-SR405FLJ Coax
PE3C4065 PASTERNACK-PE3C4065 Datasheet
461Kb / 5P
Snap-On MMBX Plug Right Angle to Snap-On MMBX Plug Right Angle Cable Using PE-SR405FLJ Coax
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com