Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4856LQ Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4856LQ
Description  Integrated Audio Amplifier System
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4856LQ Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LM4856LQ Datasheet HTML 9Page - National Semiconductor (TI) LM4856LQ Datasheet HTML 10Page - National Semiconductor (TI) LM4856LQ Datasheet HTML 11Page - National Semiconductor (TI) LM4856LQ Datasheet HTML 12Page - National Semiconductor (TI) LM4856LQ Datasheet HTML 13Page - National Semiconductor (TI) LM4856LQ Datasheet HTML 14Page - National Semiconductor (TI) LM4856LQ Datasheet HTML 15Page - National Semiconductor (TI) LM4856LQ Datasheet HTML 16Page - National Semiconductor (TI) LM4856LQ Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Typical Performance Characteristics (Continued)
Output Noise vs Output Mode (V
DD = 3V, 5V)
Output Mode
SPKROUT
Output Noise
(µV)
LOUT/ROUT
Output Noise
(µV)
129
X
2
X
14 (G1 = 0dB)
18 (G1 = 6dB)
3
29
14 (G1 = 0dB)
18 (G1 = 6dB)
4
X
17 (G2 = 0dB)
43 (G2 = 12dB)
5
29
17(G2 = 0dB)
43 (G2 = 12dB)
6
X
22 (G2 = 0dB)
30 (G1 = 0dB)
47 (G1 = 6dB)
7
29
22 (G2 = 0dB)
30 (G1 = 0dB)
47 (G1 = 6dB)
G1 = gain from PHS to LOUT/ROUT
G2 = gain from LIN/RIN to LOUT/ROUT
A - weighted filter used
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com