Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54HC42 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC42
Description  BCD-to-Decimal Decoder
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC42 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC42 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC42 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC42 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC42 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5301
January 1988
MM54HC42MM74HC42
BCD-to-Decimal Decoder
General Description
This decoder utilizes advanced silicon-gate CMOS technol-
ogy Data on the four input pins select one of the 10 outputs
corresponding to the value of the BCD number on the in-
puts An output will go low when selected otherwise it re-
mains high If the input data is not a valid BCD number all
outputs will remain high The circuit has high noise immunity
and low power consumption usually associated with CMOS
circuitry yet also has speeds comparable to low power
Schottky TTL (LS-TTL) circuits and is capable of driving 10
LS-TTL equivalent loads
All inputs are protected from damage due to static dis-
charge by diodes to VCC and ground
Features
Y
Typical propagation delay 15 ns
Y
Wide supply range 2V – 6V
Y
Low quiescent current 80 mA (74HC)
Y
Fanout of 10 LS-TTL loads
Connection Diagram
Dual-in-line Package
TLF5301 – 1
Top View
Order Number MM54HC42 or MM74HC42
Truth Table
No
Inputs
Outputs
D C B A
0
1
23456789
LLLLL H H HHHHHHH
L
L
L HH L H HHHHHHH
L
LHLH HL HHHHHHH
L
L HHHHH L HHHHHH
L H L
L HHHH L HHHHH
L H L HHHHHH L HHHH
L HH L HHHHHH L HHH
L HHHHHHHHHH L H H
H L
L
L HHHHHHHH L H
H L
L HHHHHHHHHH L
HLHLH H H HHHHHHH
H L HHHHHHHHHHHH
INVALID
HH L
L HHHHHHHHHH
HH L HHHHHHHHHHH
HHH L HHHHHHHHHH
HHHHHHHHHHHHHH
HeHigh Level LeLow Level
Logic Diagram
TLF5301 – 2
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC42

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC4016 NSC-MM54HC4016 Datasheet
171Kb / 8P
Quad Analog Switch
MM54HC4016J NSC-MM54HC4016J Datasheet
171Kb / 8P
Quad Analog Switch
MM54HC4017 NSC-MM54HC4017 Datasheet
126Kb / 6P
Decade Counter/Divider with 10 Decoded Outputs
MM54HC4075 NSC-MM54HC4075 Datasheet
113Kb / 4P
Triple 3-Input OR Gate
MM54HC4075J NSC-MM54HC4075J Datasheet
113Kb / 4P
Triple 3-Input OR Gate
More results

Similar Description - MM54HC42

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4028BM NSC-CD4028BM Datasheet
116Kb / 4P
BCD-to-Decimal Decoder
MM54C42 NSC-MM54C42 Datasheet
107Kb / 4P
BCD-to-Decimal Decoder
logo
Toshiba Semiconductor
TC4028BP TOSHIBA-TC4028BP Datasheet
223Kb / 5P
BCD - TO -DECIMAL DECODER
logo
Rohm
BU4028B ROHM-BU4028B Datasheet
64Kb / 6P
BCD-to-decimal decoder
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC Datasheet
53Kb / 6P
BCD-to-Decimal Decoder
DM7442A FAIRCHILD-DM7442A Datasheet
41Kb / 4P
BCD to Decimal Decoder
logo
Hitachi Semiconductor
HD74LS42 HITACHI-HD74LS42 Datasheet
61Kb / 6P
BCD-to-Decimal Decoder
logo
Micro Electronics
MCC4028 MICRO-ELECTRONICS-MCC4028 Datasheet
136Kb / 4P
BCD-TO-DECIMAL DECODER
logo
Fairchild Semiconductor
CD4028BC FAIRCHILD-CD4028BC_02 Datasheet
76Kb / 6P
BCD-to-Decimal Decoder
logo
Nexperia B.V. All right...
HEF4028B NEXPERIA-HEF4028B Datasheet
209Kb / 10P
BCD to decimal decoder
Rev. 10 - 7 December 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com