Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S29AS016J Datasheet(PDF) 58 Page - Cypress Semiconductor

Part # S29AS016J
Description  16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S29AS016J Datasheet(HTML) 58 Page - Cypress Semiconductor

Back Button S29AS016J Datasheet HTML 51Page - Cypress Semiconductor S29AS016J Datasheet HTML 52Page - Cypress Semiconductor S29AS016J Datasheet HTML 53Page - Cypress Semiconductor S29AS016J Datasheet HTML 54Page - Cypress Semiconductor S29AS016J Datasheet HTML 55Page - Cypress Semiconductor S29AS016J Datasheet HTML 56Page - Cypress Semiconductor S29AS016J Datasheet HTML 57Page - Cypress Semiconductor S29AS016J Datasheet HTML 58Page - Cypress Semiconductor S29AS016J Datasheet HTML 59Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 58 / 59 page
background image
Document Number: 002-01122 Rev.*L
Page 58 of 59
S29AS016J
*D
-
RYSU
08/19/2008
Sector Protection/Unprotection Replaced entire section
Global
Modified all references to sector protection, sector unprotection, temporary
sector unprotect, and
temporary sector unprotect to sector group protection, sector group
unprotection, temporary sector
group unprotect, and temporary sector group unprotect
WLCSP Connection Diagram Changed Pin from A18+ to A19
In-System Sector Group Protect/Unprotect Algorithms
Added Note
Read Operations Added note 3
*E
-
RYSU
10/27/2008
Customer Lockable: Secured Silicon
Sector Programmed and Protected at the Factory
Modified first bullet
Updated figure Secured Silicon Sector Protect Verify
TSOP and Pin Capacitance Updated Table
*F
-
RYSU
03/06/2009
Ordering Information Updated the Valid Communication table
Connection Diagrams Added VBK048
Special Handling Instructions Added section
Package Pin Capacitance Updated table
Physical Dimensions Added VBK048
Table: Erase and Programming Performance
Updated table
*G
-
RYSU
07/14/2009
Global
Removed all references to WLCSP from data sheet
*H
-
RYSU
08/12/2010
Ordering Information
Added 03 and 04 model numbers. Added note regarding the deprecated use of
model numbers 01
and 02
Read Operations
Modified note 3 to apply only to devices with model numbers 01 and 02.
*I
-
RYSU
11/18/2010
Global Added 6.0 mm x 4.0 mm package option - VDF 048
RESET#: Hardware Reset Pin Added sentence regarding use of CE# with
RESET#
RESET# Timings Figure Added note.
*J
-
RYSU
02/01/2012
Global Added product support for Automotive In-Cabin temperature range
Ordering Information
Added 90 ns speed grade support for Automotive In-Cabin products only
Added Low-halogen BGA (VBK048) ordering option
DC Characteristics Added column for Automotive In-cabin temperature
specific changes
*K
5038960
RYSU
15/09/2015
Updated to cypress Template.
*L
5746135
NIBK
05/23/2017
Updated Cypress Logo and Copyright.
Document Title:S29AS016J 16 Mbit (2 M x 8-Bit/1 M x 16-Bit), 1.8 V Boot Sector Flash
Document Number: 002-01122
Rev.
ECN No.
Orig. of
Change
Submission
Date
Description of Change



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com