Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIP202-12M Datasheet(PDF) 16 Page - NXP Semiconductors

Part # PIP202-12M
Description  DC to DC converter powertrain
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP202-12M Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button PIP202-12M Datasheet HTML 12Page - NXP Semiconductors PIP202-12M Datasheet HTML 13Page - NXP Semiconductors PIP202-12M Datasheet HTML 14Page - NXP Semiconductors PIP202-12M Datasheet HTML 15Page - NXP Semiconductors PIP202-12M Datasheet HTML 16Page - NXP Semiconductors PIP202-12M Datasheet HTML 17Page - NXP Semiconductors PIP202-12M Datasheet HTML 18Page - NXP Semiconductors PIP202-12M Datasheet HTML 19Page - NXP Semiconductors PIP202-12M Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Philips Semiconductors
PIP202-12M
DC to DC converter powertrain
Product data
Rev. 01 — 15 July 2002
16 of 20
9397 750 10031
© Koninklijke Philips Electronics N.V. 2002. All rights reserved.
15.2 Rework guidelines
Since the solder joints are largely inaccessible, only the side fillets can be touched
up. If there are defects underneath the package, then the whole package has to be
removed.
The first step in component removal is to reflow the solder joints. It is recommended
that the board is heated from the underside using a convective heater whilst hot air or
gas is directed at the upper surface of the component. Nozzles should be used to
direct the hot air or gas to minimize heating of adjacent components. Excessive
airflow should be avoided since this may cause the package to skew. An airflow of 15
to 20 liters per minute is usually adequate.
Once the solder joints have reflowed, the component should be lifted off the board
using a vacuum pen.
The next step is to clean the solder pads using solder braid and a blade shaped
soldering tool. Finally, the pads should be cleaned with a solvent. The solvent is
usually specific to the type of solder paste used in the original assembly and the
paste manufacturers recommendations should be followed.
16. Mounting
16.1 PCB design guidelines
The terminals on the underside of the package are rectangular in shape with a
rounded edge on the inside. Electrical connection between the package and the
printed-circuit board is made by printing solder paste onto the PCB footprint followed
by component placement and reflow soldering. The PCB footprint shown in Figure 20
is designed to form reliable solder joints.
The use of solder resist between each solder land is recommended. PCB tracks
should not be routed through the corner areas shown in Figure 20. This is because
there is a small, exposed remnant of the leadframe in each corner of the package, left
over from the cropping process.
Good surface flatness of the PCB lands is desirable to ensure accuracy of placement
after soldering. Printed-circuit boards that are finished with a roller tin process tend to
leave small lumps of tin in the corners of each land. Levelling with a hot air knife
improves flatness. Alternatively, an electro-less silver or silver immersion process
produces completely flat PCB lands.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com