Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KLS2 Datasheet(PDF) 2 Page - Lumberg

Part # KLS2
Description  Jack connectors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

KLS2 Datasheet(HTML) 2 Page - Lumberg

  KLS2 Datasheet HTML 1Page - Lumberg KLS2 Datasheet HTML 2Page - Lumberg KLS2 Datasheet HTML 3Page - Lumberg  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
15 KLS 2
01/2018
2
Environmental conditions
Temperature range
-20 °C/+70 °C
Materials
Insulating body
POM/PC
Contact
CuZn/steel, nickel-plated
Housing
PP
Connectable conductors for solder area
Cable diameter
4 mm
Electrical data (at Tamb 20 °C)
Rated current
1 A
Rated voltage
34 V AC/DC
Rated impulse voltage
500 V/60 s
Insulation resistance
≥ 100 MΩ
Associated products
Counterparts
1502 03
1503 06
1503 12
1522 02
1522 03
KLK 22
of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com