Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPOS-211F Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # UPOS-211F
Description  15" Ubiquitous POS Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

UPOS-211F Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  UPOS-211F Datasheet HTML 1Page - Advantech Co., Ltd. UPOS-211F Datasheet HTML 2Page - Advantech Co., Ltd. UPOS-211F Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
POS Terminals
Ordering Information
Part No.
UPOS-211DP-BST
40
UPOS-211DP-BST21
UPOS-211DR-BST21
UPOS-211DP-WST21
UPOS-211DP-BSTJ1
UPOS-211FP-BST
40
UPOS-211FP-BI520
Description
1
5",PCAP,J1900,4G RAM,4COM,5USB,W/Cable, Blk
15",PCAP,J1900,4G,64G
mSATA,4COM,5USB,Blk
15",Res,J1900,4G,64G
mSATA,4COM,5USB,Blk
15",PCAP,J1900,4G,64G
mSATA,4COM,5USB,white
15",PCAP,J1900,4G,64G
mSATA,4COM,5USB,blk&org
15",PCAP,i3-6100U,4G
RAM,4COM,5USB,W/Cable,Blk
15",PCAP,i5-6300U,4G,64G
mSATA,4COM,5USB,Blk
Installation Accessory
Part No.
Description
96CB-POWER-B-1.8M1 Power Cord (China) , 3P 1.8M, BK(CCC)
17AP164900518011
Power Cord CEE 7/16+C13 L1.8M (CE)
1700013977
Power Cord 10A 250V 3P 180/90 CCC 200cm (CCC)
1702002600
Power Cord 3P UL/CSA(USA) 125V 10A 1.83M 180D
1700020098
Power Cord 3P 10A 250V 183CM (Australian)
1702002605
Power Cord 2P FRANCE 10A/16A 220V 1.83M 90D (EU)
1700001714
Power Cord BSMI 3P 7A 125V 18AWG 180CM (BSMI)
1700000237
Power Cord 3P PSE 12A 125V 1.83M (Japan)
1700018704
Power Cord BSI 2P 10A 250V 180cm (UK)
POS Peripherals
Part No.
UPOS-M07G-BST00
UPOS-M10G-BST00
UPOS-P01-B110
UPOS-P03-B110
UPOS-P03-B112
UPOS-P03-B113
UPOS-P03-B11
4
UPOS-P03-B11
5
UPOS-P03-B11
6
EWM-W135F01E
1750006682-01
1960080774N001
1960080774N002
UPOS-211
I/O Interface
Option 2
Option 1
Option 3
Adapter inlet
Adapter inlet
Adapter inlet
DP
1 x USB 2.0
DP
DP
RJ-45
RJ-45
RJ-45
COM
COM
COM1
COM
COM (by order)
RJ-11
RJ-11
RJ-11
VGA
VGA
VGA
2 x USB
2 x USB
USB 2.0
USB 3.0
COM2
2 x USB
LPT (by order)
1960078502N000
1960078503N000
2070014960
2070015279
Description
7" 2nd display, rear mount for UPOS-211,black
10.1" 2nd display,no touch,rear mount for UPOS-211,blk
VFD, rear mount for UPOS-211,black
MSR,PS2 for UPOS-211,black
MSR+ibutton for UPOS-211,black
MSR+RFID for UPOS-211,black
MSR+Fingerprint for UPOS-211,black
MSR+IC card for UPOS-211,black
RFID for UPOS-211,Left,black
VESA BRACKET-1 FOR UPOS-211(Black)
VESA BRACKET-1 FOR UPOS-211(WHITE)
Wall MOUNT BRACKET FOR wall(should order together)
Wall MOUNT BRACKET FOR unit(should order together)
Image POSReady7 UPOS-211D V1.00 5MUI x64 Image
WIN10 LTSB-6 UPOS-211D V1.00 7MUI x64 Wifi
Wifi Antenna, should order 2pcs
Wifi Module,802.11 a/b/g/n,AR9382,Full size Mini PCIe
2D Barcode scanner for UPOS-211,black
UPOS-P05-B110



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com