Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAM-MOUNT-02 Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-02
Description  RISC All-in-One Mobile Data Terminal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-02 Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  RAM-MOUNT-02 Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-02 Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
http://www.advantech-dlog.com
Regional contact:
Features
TREK-722/723
RISC All-in-One
Mobile Data Terminal
Introduction
TREK-722/723 is a RISC platform with 5"/7" display all-in-one Mobile Data Terminal (MDT). The radio frequency options and programmable function keys make TREK-722/723
suitable for local fleet management, especially small truck, local delivery, government fleet and taxi. It is designed with vehicle power compliant to ISO7637-2 & SAE J1113 ensuring
stability in a car with a "dirty" power system. With Suspend/Wakeup feature, TREK-722/723 supports a 24/7 monitoring mechanism with periodic, digital input & WWAN wakeup.
Specifications
TREK-722
TREK-723
Core
Processor
TI Cortex-A8 AM3703 (Single Core, 800MHz); AM3715 (Single Core, 1GHz) by Project-based*1
Memory
256MB LPDDR on board; 512MB by Project-based*1
Graphic
POWERVR SGX™ Graphics Accelerator of OpenGLES 1.1/2.0, OpenVG1.0 by Project-based*1
O.S
WinCE 6.0 R3 core version & Android ICS 4.0 by Project-based*1
Storage
eMMC
2GB on board, support system boot up
SD Card
1 x external accessible push-push type SD slot with cover
Display
Type
5" industrial grade TFT LCD
7" industrial grade TFT LCD
Resolution
WVGA (800 x 480)
Brightness (cd/m2)
350 cd/m2 (typical)
400 cd/m2 (typical)
View Angle (H/V)
140/120
Contrast Ratio
500
Backlight Life (Hrs)
20K
Touchscreen
Type
4-wire analog resistive
Transparency
80% ± 3%
Sensor
Light-Sensor
Sensitive to visible and infrared light
I/O
Function Key
5 x programmable function keys with green LED
Reset Button
1 x Reset button (Bottom side)
Standard I/O Port
1 x USB Client Mini-B (Right side)
1 x USB 2.0 Host Type A (Right side)
1 x SIM Card Slot (Bottom side)
Extended I/O Port
1 x MIC/Mono Line In
1 x Stereo Line Out
1 x CVBS Input
1 x Y/C Input
1 x USB 2.0 Host
2 x 4-wire RS-232
2 x Isolated DI (Dry contact)
2 x Isolated DO (Open collector output, driving by replay)
1 x CAN Bus 2.0A/B (Support Raw CAN, J1939)
RF
WLAN
IEEE 802.11 b/g/n*2
Bluetooth
BT Class 2 (V2.1 + EDR)
WWAN
GSM/GPRS: Cinterion TC63i via B2B connector
HSPA+/UMTS, GSM/GPRS/EDGE: Cinterion PH8 via B2B connector
CDMA, EV-DO: Sierra Wireless AirPrime MC5728V via mini PCIe slot
GNSS
Build-in u-Blox LEA-6S module, support AGPS
Antenna
Default all antennas are internal and support external*3
Power
Voltage input
Supports 12/24 V car power system. (6V ~ 36V wide DC input, ISO 7637-2 & SAE J1113 compliant.)
Intelligent Vehicle Power
System power on/off/suspend management (e.g. Programmable Ignition On/Off Time delay)
Support Wake up Events:
- Alarm (RTC) Wake up.
- Wake up by Call/SMS.
System power protection
System healthy monitoring and diagnostic (e.g. Programmable Car_Battery _Low Protection)
Mechanical
Dimensions (W x H x D)
165 x 115 x 43 mm
213 x 145 x 45 mm
Weight
650 grams
850 grams
ƒ TI Cortex-A8 AM37X Series SOC inside
ƒ 5" & 7" WVGA LCD with resistive touchscreen
ƒ WinCE 6.0 & Android 4.0 (optional)
ƒ Vehicle diagnostic interface support: CAN (Raw CAN, J1939)
ƒ Built-in GNSS, WLAN, Bluetooth and WWAN
ƒ Intelligent Vehicle Power Management: Ignition on/off delay, wake up
event controls and system health monitoring and diagnostic
ƒ Wide working temperature, 12/24V Car power system compliant
(ISO 7637-2) and Anti-shock/vibration (MIL-STD-810G & 5M3)
RoHS
COMPLIANT
2002/95/EC
®
UL
*1: TI AM3715 1GHz, DRAM 512MB with Graphic is for Android 4.0.
*2: TREK-722 support BT only. TREK-723 support BT or WLAN only.
*3: External antenna for better performance is limited by SMA numbers, pls check PN matrix.
E13
All product specifications are subject to change without notice
Last updated : 12-Sep-2014


Similar Part No. - RAM-MOUNT-02

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
RAM-MOUNT-02 ADVANTECH-RAM-MOUNT-02 Datasheet
360Kb / 2P
5.7 Display Solution for Vehicle Applications
RAM-MOUNT-02 ADVANTECH-RAM-MOUNT-02 Datasheet
543Kb / 2P
7" Smart Vehicle Display
More results

Similar Description - RAM-MOUNT-02

ManufacturerPart #DatasheetDescription
logo
Bolymin, Inc
BETA903A BOLYMIN-BETA903A Datasheet
185Kb / 2P
Mobile Data Terminal
logo
Advantech Co., Ltd.
TREK-722 ADVANTECH-TREK-722 Datasheet
999Kb / 2P
RISC All-in-One Mobile Data Terminal
TREK-743 ADVANTECH-TREK-743_11 Datasheet
1Mb / 2P
7" All-in-one Mobile Data Terminal
logo
List of Unclassifed Man...
1545 ETC2-1545 Datasheet
253Kb / 1P
All-in-one Phone and Data Tool
logo
Protech Systems Co., Lt...
PA-3170 PROTECHSYSTEMS-PA-3170 Datasheet
580Kb / 2P
The High Performance All-in-One POS Terminal
POS-6630 PROTECHSYSTEMS-POS-6630 Datasheet
1Mb / 2P
The High performance All-in-One POS Terminal
logo
Advantech Co., Ltd.
TREK-722R-A1E ADVANTECH-TREK-722R-A1E Datasheet
1Mb / 2P
RISC All-in-One Mobile Data Terminal
TREK-773R-00A0E ADVANTECH-TREK-773R-00A0E Datasheet
595Kb / 2P
7" All-in-One Mobile Data Terminal
logo
BCM Advanced Research.
RIVAR-1501 BCM-RIVAR-1501 Datasheet
1Mb / 2P
15” Versatile All-in-One POS Terminal
2020/11/02
logo
Advantech Co., Ltd.
TREK-773 ADVANTECH-TREK-773 Datasheet
732Kb / 2P
7" All-in-One Ultra Rugged Mobile Data Terminal
14-Apr-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com