Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RAM-MOUNT-06E Datasheet(PDF) 5 Page - Advantech Co., Ltd.

Part # RAM-MOUNT-06E
Description  10" Industrial Tablet with 4th Generation Intel Core i Processor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

RAM-MOUNT-06E Datasheet(HTML) 5 Page - Advantech Co., Ltd.

  RAM-MOUNT-06E Datasheet HTML 1Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 2Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 3Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 4Page - Advantech Co., Ltd. RAM-MOUNT-06E Datasheet HTML 5Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Features
Dimensions
Unit: mm
223.8
223.8
146.7
PWS-870 Desk Docking Station
Product Specifications
Feature
Description
Product Name
PWS-870 Desk Docking Station
External I/O Interfaces
One LAN port (10/100/1000)
One VGA port
One RS-232
Two USB 3.0 host connectors
One DC-in (19 V +- 5%)
Environment
Operating Temperature -20° C ~ 50° C
Storage Temperature -20° C ~ 60° C
Operating Humidity 5% ~ 95%
Certifications
CE, FCC, UL, CB
Physical Size
223.8 x 146.7 x 128.5 mm
Weight
820g
ƒ Offers complete port replication for PWS-870
ƒ Operating temperature -20° C ~ 50° C
Introduction
The desk docking station is designed to dock PWS-870 tablet when you are at your home or on your office desk. When docked, you can charge both the internal and external batteries
or transfer data from your tablet PC to another PC.
1 2 3
5
4
No. Component
Function
1
LAN port
Connect an RJ-45 cable to access LAN connection
2
VGA port
Connect a VGA port to connect to another monitor
3
Serial port
Connect a serial cable to connect to another PC
4
USB ports
Connect USB connectors to transfer data
5
DC-IN
Connect the AC adapter to charge the battery
Note: In order to prevent the damage to both PWS-870 and the desk docking station,
please do not attempt to use with other tablets.
Ordering information
Part Number
Description
PWS-870-CRADLE00E
PWS-870 Desk Docking Station
Note: The package does not include power adapter. Please use PWS-870 tablet's power
adapter directly.
Accessories



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com