Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CG6 Datasheet(PDF) 2 Page - Littelfuse

Part # CG6
Description  The Littelfuse CG6 series GDT is a miniature surface-mount device with a 3kA 8/20 surge rating
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

CG6 Datasheet(HTML) 2 Page - Littelfuse

  CG6 Datasheet HTML 1Page - Littelfuse CG6 Datasheet HTML 2Page - Littelfuse CG6 Datasheet HTML 3Page - Littelfuse CG6 Datasheet HTML 4Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Gas Discharge Tubes
© 2017 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 12/12/17
Product Characteristics
Voltage Vs.Time Characteristic
V-I Characteristic Curve
Materials
Device Tin Plated 17.5 ± 12.5
Microns
Construction: Ceramic Insulator
Storage and Operational
Temperature
-40 to +90°C
@1.0GHz = 0.03dB
@1.4GHz = 0.06dB
@1.8GHz = 0.09dB
@2.0GHz = 0.11dB
@2.4GHz = 0.13dB
@2.8GHz = 0.15dB
@3.1GHz = 0.17dB
@3.5GHz = 0.19dB
@4.0GHz = 0.22dB
Typical Insertion Loss
Note: Insertion data for customer reference only, application testing needed for verification.
Electrical Characteristics
Part
Number
Device Specifications (at 25°C)
Life Ratings
DC Breakdown
in Volts
(@100V/s)
Impulse
Break-
down
in Volts
(@100V/µs)
Impulse
Break-
down In
Volts
(@1 kV/µs)
Insulation
Resistance
Capaci-
tance
(@1MHz)
Max
Impulse
Discharge
Current
(8/20µs)
Max
Impulse
Discharge
Current
(10/700µs)
AC
Dischage
Current
(50Hz, 1sec)
AC
Dischage
Current
(Single, 9
Cycles)
DC
Holdover
Voltage
(<150ms)
Impulse
Life
(10/1000µs)
(50A)
MIN TYP MAX
MAX
MIN
MAX
MIN
MIN
MIN
CG675
60
75
90
600
700
0.3pf
10 Shots
@
(3kA) 1
1 Shot at
5kA
10 Shots
@
(150A/6kV) 2
3A
6A
52V
300
Shots
CG690
72
90
108
600
700
52V
CG6145
116 145 174
600
700
52V
CG6230
186 230 276
600
700
80V
CG6250
200 250 300
600
700
80V
CG6300
240 300 360
650
800
135V
CG6350
280 350 420
750
900
135V
CG6400
360 400 480
850
1000
135V
CG6470
376 470 564
900
1100
135V
CG6600
480 600 720
1000
1200
135V
Note:
1. 5 x (+) and 5 x (-) applications of 3kA 8/20μs sec.
2. 5 x (+) and 5 x (-) applications of 150A 10/700μs sec.
1GΩ
@50V
1GΩ
@100V
1GΩ@250V
Time (ns)
0200
0
200
400
600
800
400600
8001000
1200
Max dynamic
breakover voltage
Hold over voltage
On-state voltage
I Axis
Arc Voltage
Point at which gas tube is at
lowest impedance and
fully conductive.
Typical arc voltage at about
10 to 12 Volts
Max Dynamic Breakover Voltage
(Impulse Breakdown)
Point at which gas tube is at
lowest impedance and
fully conductive
Holdover Voltage
Device resets to a high
impedance state once the
voltage across the device
falls below this level.
Characteristics of Gas Plasma -response to transient condition
V Axis
Note: Tested per 1kV/µs waveform
CG6 Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com