Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F13661 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F13661
Description  Angelina Reflector
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13661 Datasheet(HTML) 1 Page - Ledil, Inc.

  F13661 Datasheet HTML 1Page - Ledil, Inc. F13661 Datasheet HTML 2Page - Ledil, Inc. F13661 Datasheet HTML 3Page - Ledil, Inc. F13661 Datasheet HTML 4Page - Ledil, Inc. F13661 Datasheet HTML 5Page - Ledil, Inc. F13661 Datasheet HTML 6Page - Ledil, Inc. F13661 Datasheet HTML 7Page - Ledil, Inc. F13661 Datasheet HTML 8Page - Ledil, Inc. F13661 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 110 page
background image
PRODUCT DATASHEET
Angelina series
last update 12/4/2017
DETAILS
Product Number
F13661_ANGELINA-W-B
Family
Angelina
Type
Reflector
Color
metal
Diameter
82 mm
Height
31 mm
Style
round
Optic Material
PC
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
12/04/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
-
sim: 0
Wide
-
sim: 0.000 -
V15 Gen6
59 deg
Wide
92 %
0.850
BJB: 47.319.2224
V18 Gen6
61 deg
Wide
92 %
0.830
BJB: 47.319.2274
V18 Gen7
60 deg
Wide
93 %
0.840
BJB: 47.319.2350
CLL03x/CLU03x
49 deg
Wide
92 %
1.000
BJB: 47.319.2021
CLL04x/CLU04x
sim: 52
Wide
sim: 95 % sim: 1.100 BJB: 47.319.2030
CLL03x/CLU03x
55 deg
Wide
94 %
0.900
A.A.G. STUCCHI: 8101/G2
CLL04x/CLU04x
62 deg
Wide
92 %
0.820
A.A.G. STUCCHI: 8102/G2
CLU730/731
sim: 52
Wide
sim: 93 % sim: 1.080 BJB: 47.319.2030
CLU720/721
51 deg
Wide
94 %
0.950
A.A.G. STUCCHI: 8101/G2
CLU720/721
49 deg
Wide
93 %
1.000
BJB: 47.319.2021
CLL04x/CLU04x
sim: 55
Wide
sim: 90 % sim: 0.940 BJB: 47.319.2030
CLL03x/CLU03x
60 deg
Wide
89 %
0.800
A.A.G. STUCCHI: 8101/G2
CLL04x/CLU04x
66 deg
Wide
87 %
0.730
A.A.G. STUCCHI: 8102/G2
CXA/B 30xx
63 deg
Wide
91 %
0.840
A.A.G. STUCCHI: 8404/G2
CXA/B 25xx
57 deg
Wide
93 %
0.870
A.A.G. STUCCHI: 8401/G2
CXA/B 25xx
61 deg
Wide
92 %
0.800
BJB: 47.319.2141
CXA/B 25xx
64 deg
Wide
88 %
0.760
BJB: 47.319.2141
COB 10W/13W/17W/24W
53 deg
Wide
93 %
0.940
BJB: 47.319.2080
COB 10W/13W/17W/24W
52 deg
Wide
94 %
0.940
A.A.G. STUCCHI: 8600/G2
COB 40W/60W
62 deg
Wide
92 %
0.810
A.A.G. STUCCHI: 8102/G2
LUXEON K16
61 deg
Wide
sim: 100 %0.870
BJB: 47.319.2070
LUXEON K12
sim: 46
Wide
-
-
BJB: 47.319.2070
LUXEON CoB 1204/1205
53 deg
Wide
94 %
0.940
A.A.G. STUCCHI: 8301/G2
LUXEON CoB 1208
55 deg
Wide
93 %
0.900
A.A.G. STUCCHI: 8301/G2
February 8th 2018 2:18 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - F13661

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F13660 LEDIL-F13660 Datasheet
6Mb / 110P
Angelina Reflector
logo
Cree, Inc
F13662 CREE-F13662 Datasheet
5Mb / 100P
ANGELA series
logo
Ledil, Inc.
F13662 LEDIL-F13662 Datasheet
9Mb / 19P
~10째 spot beam compatible with BJB connectors
F13662 LEDIL-F13662_18 Datasheet
9Mb / 19P
~10째 spot beam compatible with BJB connectors
logo
Cree, Inc
F13663 CREE-F13663 Datasheet
5Mb / 100P
ANGELA series
More results

Similar Description - F13661

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN13694 CREE-FCN13694 Datasheet
2Mb / 38P
ANGELINA series
FCN14647 CREE-FCN14647 Datasheet
1Mb / 30P
ANGELINA series
FCN14383 CREE-FCN14383 Datasheet
549Kb / 7P
ANGELINA series
FCN14384 CREE-FCN14384 Datasheet
558Kb / 7P
ANGELINA series
FCN14385 CREE-FCN14385 Datasheet
559Kb / 7P
ANGELINA series
FCN14386 CREE-FCN14386 Datasheet
558Kb / 7P
ANGELINA series
logo
Ledil, Inc.
FC13976 LEDIL-FC13976 Datasheet
1Mb / 21P
Angelina RefPack
FC13975 LEDIL-FC13975 Datasheet
1Mb / 21P
Angelina RefPack
F13659 LEDIL-F13659 Datasheet
5Mb / 110P
Angelina Reflector
F13660 LEDIL-F13660 Datasheet
6Mb / 110P
Angelina Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com