Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F13703 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F13703
Description  Barbara Reflector
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F13703 Datasheet(HTML) 1 Page - Ledil, Inc.

  F13703 Datasheet HTML 1Page - Ledil, Inc. F13703 Datasheet HTML 2Page - Ledil, Inc. F13703 Datasheet HTML 3Page - Ledil, Inc. F13703 Datasheet HTML 4Page - Ledil, Inc. F13703 Datasheet HTML 5Page - Ledil, Inc. F13703 Datasheet HTML 6Page - Ledil, Inc. F13703 Datasheet HTML 7Page - Ledil, Inc. F13703 Datasheet HTML 8Page - Ledil, Inc. F13703 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 77 page
background image
PRODUCT DATASHEET
Barbara series
last update 31/10/2016
DETAILS
Product Number
F13703_BARBARA-XW-PF
Family
Barbara
Type
Reflector
Color
white
Diameter
70 mm
Height
41,7 mm
Style
round
Optic Material
HRPC
Holder Material
Fastening
Status
production ready
ROHS Compliant
Yes
Date Updated
31/10/2016
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
VERO13
72 deg
WWW-class 93 %
0.670
-
VERO18
72 deg
WWW-class 93 %
0.630
-
V15 Gen6
71 deg
WWW-class 89 %
0.720
Bender Wirth: 456 Typ L2
Xenio Point 13mm
71 deg
WWW-class 92 %
0.680
LEDiL: LEDiL
Xenio Point 18mm
72 deg
WWW-class 91 %
0.640
LEDiL: LEDiL
V10 Gen7
sim: 66
WWW-class sim: 88 % sim: 0.900 Bender Wirth: 434 Typ L1
V8 Gen6
74 deg
WWW-class 90 %
0.630
-
CLU700/701
70 deg
WWW-class 90 %
0.770
Bender Wirth: 434 Typ L1
CLL02x/CLU02x (LES10)
70 deg
WWW-class 90 %
0.720
Bender Wirth: 434 Typ L1
CXA/B 15xx
70 deg
WWW-class 92 %
0.760
-
CXA/B 1816 & CXA/B 1820 & CXA 1850 70 deg
WWW-class 93 %
0.730
-
CXA/B 1816 & CXA/B 1820 & CXA 1850 67 deg
WWW-class 82 %
0.700
Bender Wirth: 437 Typ L1
CXA/B 15xx
70 deg
WWW-class 90 %
0.720
Bender Wirth: 441 Typ L1
CXA/B 15xx
73 deg
WWW-class 85 %
0.600
-
LUXEON CoB 1202/1203
71 deg
WWW-class 90 %
0.710
Bender Wirth: 438 Typ L1
LUXEON CoB 1202/1203
71 deg
WWW-class 92 %
0.720
-
LUXEON CoB 1202s
75 deg
WWW-class 92 %
0.700
LEDiL: LEDiL
LUXEON CoB Compact
NULL deg
WWW-class sim: 92 % sim: 0.700 LEDiL: LEDiL
CXM-14
NULL deg
WWW-class sim: 90 % sim: 0.700 Bender Wirth: 433 Typ L1
CXM-9
NULL deg
WWW-class sim: 90 % sim: 0.720 Bender Wirth: 434 Typ L1
COB L-Type (LES 9)
70 deg
WWW-class 90 %
0.710
Bender Wirth: 438 Typ L1
COB J-Type
70 deg
WWW-class 89 %
0.670
Bender Wirth: 463 Typ L2
COB L-Type (LES 11)
70 deg
WWW-class 90 %
0.680
Bender Wirth: 438 Typ L1
NSCxL036A
71 deg
WWW-class 91 %
0.690
-
COB L-Type (LES 9)
72 deg
WWW-class 93 %
0.720
-
January 31st 2018 10:14 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - F13703

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
F1370 IDT-F1370 Datasheet
1Mb / 25P
DPD Demodulator for PA Linearization
logo
Renesas Technology Corp
F1370 RENESAS-F1370 Datasheet
1Mb / 29P
Wide flat performance IF BW
Rev4 January 2014
F1370 RENESAS-F1370 Datasheet
1Mb / 26P
Wide flat performance IF BW
Rev4, January 2014
logo
Cree, Inc
F13700 CREE-F13700 Datasheet
350Kb / 3P
Barbara series
logo
Ledil, Inc.
F13700 LEDIL-F13700 Datasheet
6Mb / 15P
~15째 spot beam
More results

Similar Description - F13703

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN13927 CREE-FCN13927 Datasheet
2Mb / 44P
Barbara series
FCN14283 CREE-FCN14283 Datasheet
555Kb / 9P
Barbara series
FCN14286 CREE-FCN14286 Datasheet
363Kb / 7P
Barbara series
FCN14311 CREE-FCN14311 Datasheet
2Mb / 49P
Barbara series
FCN14711 CREE-FCN14711 Datasheet
444Kb / 6P
Barbara series
FCN14712 CREE-FCN14712 Datasheet
405Kb / 7P
Barbara series
logo
Ledil, Inc.
C11553-BARBARA-W LEDIL-C11553-BARBARA-W Datasheet
1Mb / 13P
Barbara series
C11552 LEDIL-C11552 Datasheet
743Kb / 8P
Barbara Reflector
FCN14697 LEDIL-FCN14697 Datasheet
537Kb / 8P
Barbara RefPack
F13702 LEDIL-F13702 Datasheet
3Mb / 65P
Barbara Reflector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com