Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4284DV Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE4284DV
Description  Voltage Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4284DV Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE4284DV Datasheet HTML 5Page - Infineon Technologies AG TLE4284DV Datasheet HTML 6Page - Infineon Technologies AG TLE4284DV Datasheet HTML 7Page - Infineon Technologies AG TLE4284DV Datasheet HTML 8Page - Infineon Technologies AG TLE4284DV Datasheet HTML 9Page - Infineon Technologies AG TLE4284DV Datasheet HTML 10Page - Infineon Technologies AG TLE4284DV Datasheet HTML 11Page - Infineon Technologies AG TLE4284DV Datasheet HTML 12Page - Infineon Technologies AG TLE4284DV Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Target Data Sheet Rev. 0.2
9
2000-10-06
TLE 4284
Note: The listed characteristics are ensured over the operating range of the integrated
circuit. Typical characteristics specify mean values expected over the production
spread. If not otherwise specified, typical characteristics apply at
T
A =25 °C and
the given supply voltage.
Characteristics 5.0 V Fixed Output Voltage Device TLE 4284 DV50
–40
°C< T
j < 150 °C; VI =10 V, IQ = 10 mA; unless otherwise specified
Parameter
Symbol
Limit Values
Unit
Measuring Conditions
min.
typ.
max.
Output voltage
V
Q
4.90
5.0
5.10
V
T
j =25 °C, IQ =10 mA
Output voltage
V
Q
4.85
5.0
5.15
V
10 mA
≤ I
Q ≤ 800 mA;
8V
≤ V
I ≤ 14 V
Output voltage
V
Q
–
5.0
–
V10 mA
≤ I
Q ≤ 800 mA;
14 V
≤ V
I ≤ 40 V
Line regulation
∆V
Q
–
310
mV
8 V
≤ V
I ≤ 40 V
Load regulation
∆V
Q
–
10
75
mV
10 mA
≤ I
Q ≤ 800 mA;
T
j =25 °C
Drop voltage
V
DR
–
2.10
–
V
I
Q = 100 mA
1)
1)
Drop voltage measured when the output voltage has dropped 100 mV from the nominal value obtained at
V
I =10V.
Drop voltage
V
DR
–
2.15
–
V
I
Q = 500 mA
1)
Drop voltage
V
DR
–
2.20
–
V
I
Q = 800 mA
1)
Thermal regulation
––
0.04
0.07
%/W
20 ms pulses
Current consumption;
I
q = II – IQ
I
q
–
1.1
2.0
mA
I
Q =10 mA
Temperature stability
––
1
–
%
2)
2)
Guaranteed by design.
Minimum load current
I
Q
–
3.5
10
mA
V
I =40 V
Current limit
I
Qmax
1000 –
2200 mA
–
Current limit
I
Qmax
50
200
–
mA
V
I =40 V, Tj =25 °C
RMS Output Noise
––
3
–
ppm
ppm of
V
Q, Tj =25 °C
2)
10 Hz
≤ f ≤ 10 kHz
Supply Voltage Ripple
Rejection
PSRR
–
65
–
dB
f
r =120 Hz, Vr =0.5 VSS
C
ADJ =0 µF
2)
Supply Voltage Ripple
Rejection
PSRR
65
80
–
dB
f
r =120 Hz, Vr =0.5 VSS
C
ADJ =10 µF
2)
Long Term Stability
∆V
Q
–
0.3
1
%
T
j = 125 °C, 1000 h
2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com