Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VBUS052BD-HTF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # VBUS052BD-HTF
Description  Low Capacitance, 2-Line ESD Protection Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VBUS052BD-HTF Datasheet(HTML) 1 Page - Vishay Siliconix

  VBUS052BD-HTF Datasheet HTML 1Page - Vishay Siliconix VBUS052BD-HTF Datasheet HTML 2Page - Vishay Siliconix VBUS052BD-HTF Datasheet HTML 3Page - Vishay Siliconix VBUS052BD-HTF Datasheet HTML 4Page - Vishay Siliconix VBUS052BD-HTF Datasheet HTML 5Page - Vishay Siliconix VBUS052BD-HTF Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
VBUS052BD-HTF
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 03-May-17
1
Document Number: 81788
For technical questions, contact: ESDprotection@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Low Capacitance, 2-Line ESD Protection Diode
MARKING (example only)
Dot = pin 1 marking
YY = type code (see table below)
XX = date code
DESIGN SUPPORT TOOLS click logo to get started
FEATURES
• Compact LLP75-4L package
• Low package height < 0.6 mm
• 2-line ESD protection
• Low leakage current < 0.1 μA
• Low load capacitance CD = 1.5 pF
• ESD immunity acc. IEC 61000-4-2
± 15 kV contact discharge
± 15 kV air discharge
• High surge current acc. IEC 61000-4-5 lPP > 3 A
• Soldering can be checked by standard vision inspection.
no X-ray necessary
• e4 - precious metal (e.g. Ag, Au, NiPd, NiPdAu) (no Sn)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
20903
1
20904
1
2
3
4
21001
XX
YY
Available
Models
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
(8 mm TAPE ON 7" REEL)
MINIMUM ORDER QUANTITY
VBUS052BD-HTF
VBUS052BD-HTF-GS08
3000
15 000
PACKAGE DATA
DEVICE NAME
PACKAGE
NAME
TYPE
CODE
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE
SENSITIVITY LEVEL
SOLDERING
CONDITIONS
VBUS052BD-HTF
LLP75-4L
U7
4.2 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS VBUS052BD-HTF
RATING
TEST CONDITIONS
SYMBOL
VALUE
UNIT
Peak pulse current
Acc. IEC 61000-4-5, tp = 8/20 μs/single shot
IPPM
3A
Peak pulse power
Acc. IEC 61000-4-5, tP = 8/20 μs/single shot
PPP
45
W
ESD immunity
Contact discharge acc. IEC 61000-4-2; 10 pulses
VESD
± 15
kV
Air discharge acc. IEC 61000-4-2; 10 pulses
± 15
kV
Operating temperature
Junction temperature
TJ
-40 to +125
°C
Storage temperature
TSTG
-40 to +150
°C


Similar Part No. - VBUS052BD-HTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VBUS052BD-HTF VISHAY-VBUS052BD-HTF Datasheet
152Kb / 6P
Low Capacitance, 2-Line ESD Protection Diode
04-Jan-2018
VBUS052BD-HTF VISHAY-VBUS052BD-HTF_V01 Datasheet
152Kb / 6P
Low Capacitance, 2-Line ESD Protection Diode
04-Jan-2018
More results

Similar Description - VBUS052BD-HTF

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DVIULC6-2X6 STMICROELECTRONICS-DVIULC6-2X6_06 Datasheet
50Kb / 3P
Ultra Low Capacitance 2 line ESD protection
14-Nov-2006
logo
Vishay Siliconix
VBUS051CD-HD1 VISHAY-VBUS051CD-HD1 Datasheet
534Kb / 5P
Low Capacitance, Single-Line ESD-Protection Diode
13-Jul-10
VBUS051BD-HD1-GS08 VISHAY-VBUS051BD-HD1-GS08 Datasheet
141Kb / 6P
Low Capacitance, Single-Line ESD-Protection Diode
23-May-12
VLIN1616-02G VISHAY-VLIN1616-02G Datasheet
113Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode
19-Jul-17
logo
TECH PUBLIC Electronics...
TPESD0502S6 TECHPUBLIC-TPESD0502S6 Datasheet
1Mb / 4P
Low Capacitance 2-Line ESD Protection
logo
Vishay Siliconix
VBUS051BD-HD1 VISHAY-VBUS051BD-HD1_V01 Datasheet
154Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode
20-May-2021
VBUS051CD-HD1 VISHAY-VBUS051CD-HD1_V01 Datasheet
117Kb / 6P
Low Capacitance, Single-Line ESD Protection Diode
20-May-2021
VBUS052BD-HTF VISHAY-VBUS052BD-HTF_V01 Datasheet
152Kb / 6P
Low Capacitance, 2-Line ESD Protection Diode
04-Jan-2018
logo
First Silicon Co., Ltd
FTVE7205RX3 FS-FTVE7205RX3 Datasheet
243Kb / 4P
Ultra-Low Capacitance 2-Line ESD Protection
2022. 05. 19 Revision No : 0
logo
TECH PUBLIC Electronics...
TPESD7L5.0DT5G TECHPUBLIC-TPESD7L5.0DT5G Datasheet
958Kb / 4P
Ultra-Low Capacitance 2-Line ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com