Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCSA5 Datasheet(PDF) 1 Page - Littelfuse

Part # DCSA5
Description  The DCSA Series is a loop-powered, linear output current transducer that provides an output that is directly proportional to the RMS AC current passing through the LCSC10T12 sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

DCSA5 Datasheet(HTML) 1 Page - Littelfuse

  DCSA5 Datasheet HTML 1Page - Littelfuse DCSA5 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2016 Littelfuse Protection Relays & Controls
www.littelfuse.com/
Rev: 1-A-062716
Protection Relays
Current Monitoring Relays and Transducers
Current measuring
device
Voltage measuring
device
LCSC10T12
Current Sensor
Connection for
4-20mA Loop
To LCSC10T12
Current Sensor
Jumper used when
current source is not
LCSC10T12
Connection for
Analog Voltage Output
Connect One:
V
DA = 1 to 5VDC
V
DB = 2 to 10VDC
C
D
A
B
249Ω
249Ω
DCSA
AD = Instrument, meter or PLC input
PS = Power Supply
LCSC10T12
Current Sensor
Connect One:
A = 1 to 5VDC
B = 2 to 10VDC
DCSA50
AD = Instrument, Meter,
or PLC Input
PS = Power Supply
www.littelfuse.com/dcsa
DCSA SERIES
Description
The DCSA Series is a loop-powered, linear output current
transducer that provides an output that is directly proportional to
the RMS AC current passing through the LCSC10T12 sensor. The
DCSA Series provides either an analog current or voltage: 4-20
mA, 1 to 5VDC, or 2 to 10VDC. Each unit is factory calibrated
for monitoring (with the LCSC10T12 connected) in one of four
ranges; 0-5, 0-10, 0-20, or 0-50A. Zero and span adjustments
allow field calibration if needed. The DCSA Series mounts on
both DIN 1 and DIN 3 rails.
Operation
The DCSA Series varies the effective resistance of its output
in direct proportion to the current flowing in the conductor
monitored by the LCSC10T12. Connecting the power supply to
terminals C & D provides a 4 to 20mA DC current. Connect the
power supply to terminals C & A to get 1 to 5VDC at terminal D.
Connect the power supply to terminals C & B to get 2 to 10VDC
at terminal D.
Features
J
J
Mounts on DIN 1 or DIN 3 rail
J
J
0-50A in 4 ranges using LCSC10T12 sensor
J
J
Loop powered from 10 to 30VDC
J
J
Linear output from 4-20mA, 1-10VDC
J
J
Zero & span adjustments
J
J
Separate sensor & control unit
Accessories
LCSC10T12 Toroidal Current Sensor
Remote monitoring of currents up to 50A.
Wiring Diagram
CurrentTransducers
CONNECTION FOR 4 - 20 MA LOOP
To LCSC10T12 Current Sensor
Current measuring
device
Voltage measuring
device
LCSC10T12
Current Sensor
Connection for
4-20mA Loop
To LCSC10T12
Current Sensor
Jumper used when
current source is not
LCSC10T12
Connection for
Analog Voltage Output
Connect One:
V
DA = 1 to 5VDC
V
DB = 2 to 10VDC
C
D
A
B
249Ω
249Ω
DCSA
AD = Instrument, meter or PLC input
PS = Power Supply
Connect One:
A = 1 to 5VDC
B = 2 to 10VDC
Jumper used when current
source is not LCSC10T12
CONNECTION FOR ANALOG
VOLTAGE OUTPUT
DCSA50
AD = Instrument, Meter,
or PLC Input
PS = Power Supply
Ordering Information
MODEL
CURRENT RANGE WITH
LCSC10T12
INPUT RANGE (F TO E)
DCSA5
0-5A
0-5mA AC
DCSA20
0-20A
0-20mA AC
DCSA50
0-50A
0-50mA AC
If you don’t find the part you need, call us for a custom product 800-843-8848


Similar Part No. - DCSA5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DCSA5 LITTELFUSE-DCSA5 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
DCSA50 LITTELFUSE-DCSA50 Datasheet
293Kb / 2P
Protection Relays Current Monitoring Relays and Transducers
Rev: 1-A-062716
More results

Similar Description - DCSA5

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1100GALRP LITTELFUSE-P1100GALRP Datasheet
110Kb / 3P
The series provides a cost-effective through-hole solution that enables
logo
Allegro MicroSystems
A6210 ALLEGRO-A6210_11 Datasheet
457Kb / 12P
The A6210 is a buck regulator that uses valley current-mode control.
A6213 ALLEGRO-A6213 Datasheet
641Kb / 17P
The A6213 is a single IC switching regulator that provides constant-current output to drive high-power LEDs.
A8582 ALLEGRO-A8582 Datasheet
829Kb / 32P
The A8582 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
A8583 ALLEGRO-A8583 Datasheet
841Kb / 33P
The A8583 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
A8584 ALLEGRO-A8584 Datasheet
725Kb / 32P
The A8584 is an adjustable frequency, high output current, PWM regulator that integrates a low resistance, high-side, N-channel MOSFET.
logo
Diodes Incorporated
AP7175 DIODES-AP7175 Datasheet
435Kb / 14P
The AP7175 is a 3.0A ultra low-dropout (LDO) linear regulator that features an enable input and a power-good output.
Rev 3
logo
STMicroelectronics
AN4050 STMICROELECTRONICS-AN4050 Datasheet
1Mb / 19P
The STEVAL-ISV012V1 is a demonstration board that mounts
21-Mar-2013
logo
KODENSHI_AUK CORP.
PIC96601 KODENSHI-PIC96601 Datasheet
151Kb / 3P
The analog output current is proportional to the quantity of ambient light
logo
Quelighting Corp
QLSP08RGBXW-273 QUELIGHTING-QLSP08RGBXW-273 Datasheet
1Mb / 17P
This is a multi-color LED that provides high lumen output in the 5050 package.
1.0 11-23-2020
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com