Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8620 Datasheet(PDF) 2 Page - Analog Devices

Part # AD8620
Description  Precision, Very Low Noise, Low Input Bias Current, Wide Bandwidth JFET Operational Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8620 Datasheet(HTML) 2 Page - Analog Devices

  AD8620 Datasheet HTML 1Page - Analog Devices AD8620 Datasheet HTML 2Page - Analog Devices AD8620 Datasheet HTML 3Page - Analog Devices AD8620 Datasheet HTML 4Page - Analog Devices AD8620 Datasheet HTML 5Page - Analog Devices AD8620 Datasheet HTML 6Page - Analog Devices AD8620 Datasheet HTML 7Page - Analog Devices AD8620 Datasheet HTML 8Page - Analog Devices AD8620 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
REV. D
–2–
AD8610/AD8620–SPECIFICATIONS
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
INPUT CHARACTERISTICS
Offset Voltage (AD8610B)
VOS
45
100
µV
–40
°C < TA < +125°C80
200
µV
Offset Voltage (AD8620B)
VOS
45
150
µV
–40
°C < T
A < +125
°C80
300
µV
Offset Voltage (AD8610A/AD8620A)
VOS
85
250
µV
+25
°C < T
A < 125
°C90
350
µV
–40
°C < T
A < +125
°C
150
850
µV
Input Bias Current
IB
–10
+2
+10
pA
–40
°C < T
A < +85
°C
–250
+130
+250
pA
–40
°C < T
A < +125
°C
–2.5
+1.5
+2.5
nA
Input Offset Current
IOS
–10
+1
+10
pA
–40
°C < T
A < +85
°C
–75
+20
+75
pA
–40
°C < T
A < +125
°C
–150
+40
+150
pA
Input Voltage Range
–2
+3
V
Common-Mode Rejection Ratio
CMRR
VCM = –2.5 V to +1.5 V
90
95
dB
Large Signal Voltage Gain
AVO
RL = 1 k
Ω, V
O = –3 V to +3 V
100
180
V/mV
Offset Voltage Drift (AD8610B)
∆VOS/∆T
–40
°C < TA < +125°C
0.5
1
µV/°C
Offset Voltage Drift (AD8620B)
∆V
OS/
∆T
–40
°C < T
A < +125
°C
0.5
1.5
µV/°C
Offset Voltage Drift (AD8610A/AD8620A)
∆V
OS/
∆T
–40
°C < T
A < +125
°C
0.8
3.5
µV/°C
OUTPUT CHARACTERISTICS
Output Voltage High
VOH
RL = 1 k
Ω, –40°C < T
A < +125
°C
3.8
4
V
Output Voltage Low
VOL
RL = 1 k
Ω, –40°C < TA < +125°C–4
–3.8
V
Output Current
IOUT
VOUT >
±2 V
±30
mA
POWER SUPPLY
Power Supply Rejection Ratio
PSRR
VS =
±5 V to ±13 V
100
110
dB
Supply Current/Amplifier
ISY
VO = 0 V
2.5
3.0
mA
–40
°C < T
A < +125
°C
3.0
3.5
mA
DYNAMIC PERFORMANCE
Slew Rate
SR
RL = 2 k
Ω
40
50
V/
µs
Gain Bandwidth Product
GBP
25
MHz
Settling Time
tS
AV = +1, 4 V Step, to 0.01%
350
ns
NOISE PERFORMANCE
Voltage Noise
en p-p
0.1 Hz to 10 Hz
1.8
µV p-p
Voltage Noise Density
en
f = 1 kHz
6
nV/
√Hz
Current Noise Density
in
f = 1 kHz
5
fA/
√Hz
Input Capacitance
CIN
Differential
8pF
Common-Mode
15
pF
Channel Separation
CS
f = 10 kHz
137
dB
f = 300 kHz
120
dB
Specifications subject to change without notice.
(@ VS =
5.0 V, VCM = 0 V, TA = 25 C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com