Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS213-92 Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # AS213-92
Description  PHEMT GaAs IC SPDT Switch 0.1?? GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

AS213-92 Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  AS213-92 Datasheet HTML 1Page - Skyworks Solutions Inc. AS213-92 Datasheet HTML 2Page - Skyworks Solutions Inc. AS213-92 Datasheet HTML 3Page - Skyworks Solutions Inc. AS213-92 Datasheet HTML 4Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
200193 Rev. D • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice. • December 19, 2008
AS213-92, AS213-92LF: PHEMT GaAs IC SPDT Switch
0.1–3 GHz
data sheet
Features
l
Low insertion loss (0.4 dB @ 2.4 GHz)
l
Isolation 22 dB @ 2.4 GHz
l
Low DC power consumption
l
PHEMT process
l
Operates with 1.8 V control voltage
l
Available lead (Pb)-free and RoHS-compliant MSL-1 @ 260 °C
per JEDEC J-STD-020
Applications
l
T/R switch in WLANs, BluetoothÒ and medium-power
telecommunication applications
Description
The AS213-92 is a medium-power IC FET SPDT switch in a low-
cost miniature SC-70 6-lead plastic package. The AS213-92
features low insertion loss and positive voltage operation with
very low DC power consumption. This general-purpose switch
can be used in a variety of telecommunications applications.
Parameter(1)
Frequency
Min.
typ.
Max.
Unit
Insertion loss(2)
0.1–1.0 GHz
0.3
0.5
dB
1.0–2.0 GHz
0.4
0.6
dB
2.0–3.0 GHz
0.5
0.7
dB
Isolation
0.1–1.0 GHz
24
27
dB
1.0–2.0 GHz
20
23
dB
2.0–3.0 GHz
16
19
dB
VSWR(3)
0.1–1.0 GHz
1.3:1
1.0–3.0 GHz
1.4:1
Electrical Specifications at 25 °C (0, 3 V)
1. All measurements made in a 50
W system, unless otherwise specified.
2. Insertion loss changes by 0.003 dB/°C.
3. Insertion loss state.
Pin Out
J1
GND
CBL
CBL
CBL
J2
J3
V1
V2
DC blocking capacitors (CBL) must be supplied externally for positive voltage operation.
CBL = 100 pF for operation >500 MHz.
Skyworks offers lead (Pb)-free, RoHS (Restriction of
Hazardous Substances)-compliant packaging.
NeW


Similar Part No. - AS213-92

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AS213-92 SKYWORKS-AS213-92 Datasheet
62Kb / 2P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS213-92 SKYWORKS-AS213-92 Datasheet
190Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS213-92LF SKYWORKS-AS213-92LF Datasheet
190Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS213-92 SKYWORKS-AS213-92_06 Datasheet
190Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
More results

Similar Description - AS213-92

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS169-73 ALPHA-AS169-73 Datasheet
40Kb / 2P
PHEMT GaAs IC SPDT Switch DC-2.5 GHz
AS182-73 ALPHA-AS182-73 Datasheet
39Kb / 2P
PHEMT GaAs IC SPDT Switch DC-2.5 GHz
logo
Skyworks Solutions Inc.
AS225-313 SKYWORKS-AS225-313 Datasheet
110Kb / 3P
PHEMT GaAs IC 1 W Low Loss 0.1-6 GHz SPDT Switch
AS214-92 SKYWORKS-AS214-92 Datasheet
71Kb / 2P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS213-92 SKYWORKS-AS213-92 Datasheet
62Kb / 2P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS222-92 SKYWORKS-AS222-92 Datasheet
51Kb / 2P
PHEMT GaAs IC SPDT Switch 0.1 - 3 GHz
AS222-92 SKYWORKS-AS222-92_07 Datasheet
182Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS211-334 SKYWORKS-AS211-334 Datasheet
171Kb / 4P
PHEMT GaAs IC SPDT Switch LF-4 GHz
AS213-92 SKYWORKS-AS213-92_06 Datasheet
190Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
AS214-92 SKYWORKS-AS214-92_06 Datasheet
179Kb / 4P
PHEMT GaAs IC SPDT Switch 0.1-3 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com