Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT494TA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT494TA
Description  120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT494TA Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT494TA Datasheet HTML 1Page - Diodes Incorporated FMMT494TA Datasheet HTML 2Page - Diodes Incorporated FMMT494TA Datasheet HTML 3Page - Diodes Incorporated FMMT494TA Datasheet HTML 4Page - Diodes Incorporated FMMT494TA Datasheet HTML 5Page - Diodes Incorporated FMMT494TA Datasheet HTML 6Page - Diodes Incorporated FMMT494TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FMMT494
Document number: DS33095 Rev. 5 - 2
1 of 7
www.diodes.com
November 2017
© Diodes Incorporated
FMMT494
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Feature
BVCEO > 120V
IC = 1A Continuous Collector Current
ICM = 2A Peak Pulse Current
500mW Power Dissipation
hFE Characterised up to 1A for High Current Gain Hold Up
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
An Automotive-Compliant Part is Available Under Separate
Datasheet (FMMT494Q)
Mechanical Data
Case: SOT23 (Type DN)
Case Material: Molded Plastic
, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight 0.008 grams (Approximate)
Ordering Information (Note 4)
Part Number
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
FMMT494TA
AEC-Q101
494
7
8
3,000
FMMT494TC
AEC-Q101
494
13
8
10,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and
Antimony-free, "Green"
and Lead-free.
3.
Halogen and Antimony free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
494 = Product Type Marking Code
494
SOT23 (Type DN)
Top View
Pin-Out
Top View
Device Symbol
C
E
B
C
E
B
SOT23 (Type DN)


Similar Part No. - FMMT494TA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT494TA DIODES-FMMT494TA Datasheet
211Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT494TA DIODES-FMMT494TA Datasheet
211Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
More results

Similar Description - FMMT494TA

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BCW66 ZETEX-BCW66 Datasheet
39Kb / 2P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BCX41 ZETEX-BCX41 Datasheet
47Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR42 ZETEX-BSR42 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
BSR43 ZETEX-BSR43 Datasheet
34Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
FCX491 ZETEX-FCX491 Datasheet
16Kb / 1P
NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
logo
Diodes Incorporated
FMMT494TC DIODES-FMMT494TC Datasheet
211Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT494TA DIODES-FMMT494TA Datasheet
211Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT494 DIODES-FMMT494_15 Datasheet
211Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR IN SOT23
Rev 4
FMMT493A DIODES-FMMT493A_18 Datasheet
457Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 3
FMMT494Q DIODES-FMMT494Q_17 Datasheet
385Kb / 7P
120V NPN SILICON PLANAR MEDIUM POWER TRANSISTOR
Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com