Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMMT591Q Datasheet(PDF) 1 Page - Diodes Incorporated

Part # FMMT591Q
Description  60V PNP MEDIUM POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

FMMT591Q Datasheet(HTML) 1 Page - Diodes Incorporated

  FMMT591Q Datasheet HTML 1Page - Diodes Incorporated FMMT591Q Datasheet HTML 2Page - Diodes Incorporated FMMT591Q Datasheet HTML 3Page - Diodes Incorporated FMMT591Q Datasheet HTML 4Page - Diodes Incorporated FMMT591Q Datasheet HTML 5Page - Diodes Incorporated FMMT591Q Datasheet HTML 6Page - Diodes Incorporated FMMT591Q Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FMMT591Q
Document number: DS37010 Rev. 2 - 2
1 of 7
www.diodes.com
March 2017
© Diodes Incorporated
FMMT591Q
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Description
This Bipolar Junction Transistor (BJT) has been designed to meet
the stringent requirements of Automotive Applications.
Features
BVCEO > -60V
IC = -1A High Continuous Collector Current
ICM = -2A Peak Pulse Current
RSAT = 295mΩ for a Low Equivalent On-Resistance
hFE Characterized up to -2A for High Current Gain Hold Up
Complementary NPN Type: FMMT491Q
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SOT23
Case Material: molded plastic, ―Green‖ Molding Compound
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish
– Matte Tin Plated Leads, Solderable per
MIL-STD-202, Method 208
Weight: 0.008 grams (Approximate)
Ordering Information (Notes 4 & 5)
Part Number
Compliance
Marking
Reel Size (inches)
Tape Width (mm)
Quantity per Reel
FMMT591QTA
Automotive
591
7
8
3,000
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Refer to http://www.diodes.com/product_compliance_definitions.html.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
Top View
Pin-Out
Device Symbol
591 = Product Type Marking Code
SOT23
C
E
B
C
E
B
591


Similar Part No. - FMMT591Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FMMT591Q DIODES-FMMT591Q Datasheet
470Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT591QTA DIODES-FMMT591QTA Datasheet
470Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
FMMT591Q DIODES-FMMT591Q_15 Datasheet
470Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR IN SOT23
Rev 1
More results

Similar Description - FMMT591Q

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXTP2027F ZETEX-ZXTP2027F Datasheet
543Kb / 6P
60V, SOT23, PNP medium power transistor
ZXTP19060CFF ZETEX-ZXTP19060CFF Datasheet
450Kb / 8P
60V, SOT23F, PNP medium power transistor
ZXTP25060BFH ZETEX-ZXTP25060BFH Datasheet
388Kb / 6P
60V, SOT23, PNP medium power transistor
logo
Diodes Incorporated
DXT2012P5 DIODES-DXT2012P5 Datasheet
225Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
DS32070 Rev. 2 - 2
ZXTP2027F DIODES-ZXTP2027F Datasheet
439Kb / 8P
60V, SOT23, PNP medium power transistor
MAY 2007
ZXTP19060CFF DIODES-ZXTP19060CFF Datasheet
462Kb / 8P
60V, SOT23F, PNP medium power transistor
OCTOBER 2007
ZXTP25060BFH DIODES-ZXTP25060BFH Datasheet
396Kb / 8P
60V, SOT23, PNP medium power transistor
MARCH 2008
DXT2012P5 DIODES-DXT2012P5_15 Datasheet
225Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
Rev 2
FZT951 DIODES-FZT951_17 Datasheet
537Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR
Rev 6
ZXTP19060CFF DIODES-ZXTP19060CFF_16 Datasheet
432Kb / 7P
60V PNP MEDIUM POWER TRANSISTOR
Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com