Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADC08031CIN Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC08031CIN
Description  8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC08031CIN Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC08031CIN Datasheet HTML 1Page - National Semiconductor (TI) ADC08031CIN Datasheet HTML 2Page - National Semiconductor (TI) ADC08031CIN Datasheet HTML 3Page - National Semiconductor (TI) ADC08031CIN Datasheet HTML 4Page - National Semiconductor (TI) ADC08031CIN Datasheet HTML 5Page - National Semiconductor (TI) ADC08031CIN Datasheet HTML 6Page - National Semiconductor (TI) ADC08031CIN Datasheet HTML 7Page - National Semiconductor (TI) ADC08031CIN Datasheet HTML 8Page - National Semiconductor (TI) ADC08031CIN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ADC08031/ADC08032/ADC08034/ADC08038
8-Bit High-Speed Serial I/O A/D Converters with
Multiplexer Options, Voltage Reference, and Track/Hold
Function
General Description
The ADC08031/ADC08032/ADC08034/ADC08038 are 8-bit
successive approximation A/D converters with serial I/O and
configurable input multiplexers with up to 8 channels. The
serial I/O is configured to comply with the NSC MICROW-
IRE™ serial data exchange standard for easy interface to the
COPS™ family of controllers, and can easily interface with
standard shift registers or microprocessors.
The ADC08034 and ADC08038 provide a 2.6V band-gap de-
rived reference. For devices offering guaranteed voltage ref-
erence performance over temperature see ADC08131,
ADC08134 and ADC08138.
A track/hold function allows the analog voltage at the positive
input to vary during the actual A/D conversion.
The analog inputs can be configured to operate in various
combinations
of
single-ended,
differential,
or
pseudo-differential modes. In addition, input voltage spans
as small as 1V can be accommodated.
Applications
n
Digitizing automotive sensors
n
Process control monitoring
n
Remote sensing in noisy environments
n
Instrumentation
n
Test systems
n
Embedded diagnostics
Features
n
Serial digital data link requires few I/O pins
n
Analog input track/hold function
n
2-, 4-, or 8-channel input multiplexer options with
address logic
n
0V to 5V analog input range with single 5V power
supply
n
No zero or full scale adjustment required
n
TTL/CMOS input/output compatible
n
On chip 2.6V band-gap reference
n
0.3" standard width 8-, 14-, or 20-pin DIP package
n
14-, 20-pin small-outline packages
Key Specifications
n
Resolution:
8 bits
n
Conversion time (f
C = 1 MHz):
8µs (max)
n
Power dissipation:
20mW (max)
n
Single supply:
5V
DC (±5%)
n
Total unadjusted error:
±1⁄2 LSB and ±1LSB
n
No missing codes over temperature
Ordering Information
Industrial (−40˚C
≤ T
A ≤ +85˚C)
Package
ADC08031CIN*
N08E
ADC08038CIN*
N20A
ADC08031CIWM,
ADC08032CIWM,
M14B
ADC08034CIWM
ADC08038CIWM
M20B
*Not recomended for new designs.
COPS™ microcontrollers and MICROWIRE™ are trademarks of National Semiconductor Corporation.
June 2000
© 2000 National Semiconductor Corporation
DS010555
www.national.com


Similar Part No. - ADC08031CIN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08031CIN NSC-ADC08031CIN Datasheet
509Kb / 24P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options,
Voltage Reference, and Track/Hold Function
More results

Similar Description - ADC08031CIN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08031 NSC-ADC08031 Datasheet
509Kb / 24P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options,
Voltage Reference, and Track/Hold Function
ADC08131 NSC-ADC08131 Datasheet
488Kb / 21P
8-Bit High-Speed Serial I/O A/D Converters with Multiplexer Options, Voltage Reference, and Track/Hold Function
ADC08231 NSC-ADC08231 Datasheet
419Kb / 24P
8-Bit 2 ms Serial I/O A/D Converters with MUX, Reference, and Track/Hold
ADC08831 NSC-ADC08831 Datasheet
486Kb / 23P
8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
logo
Micro Linear Corporatio...
ML2281 MICRO-LINEAR-ML2281 Datasheet
410Kb / 26P
Serial I/O 8-Bit A/D Converters with Multiplexer Options
logo
National Semiconductor ...
ADC1034 NSC-ADC1034 Datasheet
349Kb / 18P
ADC1031/ADC1034/ADC1038 10-Bit Serial I/O A/D Converters with Analog Multiplexer and Track/Hold Function
ADC0831 NSC-ADC0831 Datasheet
755Kb / 33P
8-Bit Serial I/O A/D Converters with Multiplexer Options
logo
Texas Instruments
ADC0831-N TI1-ADC0831-N Datasheet
797Kb / 35P
ADC0831/ADC0832/ADC0834/ADC0838 8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC0831-N TI-ADC0831-N Datasheet
2Mb / 40P
8-Bit Serial I/O A/D Converters with Multiplexer Options
ADC08831 TI1-ADC08831 Datasheet
1Mb / 32P
8-Bit Serial I/O CMOS A/D Converters with Multiplexer and Sample/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com