Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AV2188 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # AV2188
Description  Multi-Channel Audio CODEC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AV2188 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  AV2188 Datasheet HTML 1Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 2Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 3Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 4Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 5Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 6Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 7Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 8Page - List of Unclassifed Manufacturers AV2188 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AV2188
June 2, 2000
4-20
PIN ASSIGNMENT
PIN DESCRIPTION
Pin Name
Pin #
Type
Description
DIGITAL
SD1
1
I
Audio Serial Data Input 1, data can be 20bit/24bit, Right justified, or 24bit Left
justified, or 24bit I2S, all in 2’s complement format.
SD2
2
I
Audio Serial Data Input 2, data can be 20bit/24bit, Right justified, or 24bit Left
justified, or 24bit I2S, all in 2’s complement format.
SD3
3
I
Audio Serial Data Input 3, data can be 20bit/24bit, Right justified, or 24bit Left
justified, or 24bit I2S, all in 2’s complement format.
SDOUT
4
O
Serial Audio Output pin, data can be in 20bit Right justified or 20bit I2S format.
SC
5
I
Audio Serial Data Clock pin.
SF
6
I
Left/Right Channel Clock pin. For Left justified or Right justified mode, a high in
SF indicates Left Channel Data, a low in SF indicates Right Channel Data. For
I2S mode, a low in SF indicates Left Channel Data, a high in SF indicates Right
Channel Data.
DVSS
7
GND
Digital ground
DVDD
8
+5V
Digital power supply.
SD1
SD2
SD3
SDOUT
SC
SF
DGND
DVDD
DGND
XCK
SCL
SDA
TST
RST
AR3
AL3
AR2
AL2
AR1
AL1
AGND
CM2
AVDD
CM1
AGND
RIN
LIN
N/C
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com