Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRY8SF Datasheet(PDF) 21 Page - OSRAM GmbH

Part # LRY8SF
Description  Electronic Equipment
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRY8SF Datasheet(HTML) 21 Page - OSRAM GmbH

Back Button LRY8SF Datasheet HTML 14Page - OSRAM GmbH LRY8SF Datasheet HTML 15Page - OSRAM GmbH LRY8SF Datasheet HTML 16Page - OSRAM GmbH LRY8SF Datasheet HTML 17Page - OSRAM GmbH LRY8SF Datasheet HTML 18Page - OSRAM GmbH LRY8SF Datasheet HTML 19Page - OSRAM GmbH LRY8SF Datasheet HTML 20Page - OSRAM GmbH LRY8SF Datasheet HTML 21Page - OSRAM GmbH LRY8SF Datasheet HTML 22Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
LR Y8SF
21 Version 1.3 | 2018-02-12
Glossary
1)
Brightness: Brightness values are measured during a current pulse of typically 25 ms, with an internal
reproducibility of ±8 % and an expanded uncertainty of ±11 % (acc. to GUM with a coverage factor of
k = 3).
2)
Reverse Operation: Reverse Operation of 10 hours is permissible in total. Continuous reverse opera-
tion is not allowed.
3)
Wavelength: The wavelength is measured at a current pulse of typically 25 ms, with an internal repro-
ducibility of ±0.5 nm and an expanded uncertainty of ±1 nm (acc. to GUM with a coverage factor of k =
3).
4)
Forward Voltage: The forward voltage is measured during a current pulse of typically 8 ms, with an
internal reproducibility of ±0.05 V and an expanded uncertainty of ±0.1 V (acc. to GUM with a coverage
factor of k = 3).
5)
Thermal Resistance: Rth max is based on statistic values (6σ).
6)
Thermal Resistance: RthJA results from mounting on PC board FR 4 (pad size 16 mm² per pad)
7)
Typical Values: Due to the special conditions of the manufacturing processes of LED, the typical data
or calculated correlations of technical parameters can only reflect statistical figures. These do not nec-
essarily correspond to the actual parameters of each single product, which could differ from the typical
data and calculated correlations or the typical characteristic line. If requested, e.g. because of technical
improvements, these typ. data will be changed without any further notice.
8)
Characteristic curve: In the range where the line of the graph is broken, you must expect higher differ-
ences between single LEDs within one packing unit.
9)
Tolerance of Measure: Unless otherwise noted in drawing, tolerances are specified with ±0.1 and
dimensions are specified in mm.
10)
Tape and Reel: All dimensions and tolerances are specified acc. IEC 60286-3 and specified in mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com