Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRG6SP Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LRG6SP
Description  Advanced Power TOPLED
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LRG6SP Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LRG6SP_18 Datasheet HTML 4Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 5Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 6Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 7Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 8Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 9Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 10Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 11Page - OSRAM GmbH LRG6SP_18 Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
LR G6SP
8 Version 1.2 | 2018-02-13
LR G6SP
IF [mA]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IV
IV(140mA)
:red
Relative Luminous Intensity 6), 7)
I
v/Iv(140 mA) = f(IF); TS = 25 °C
LR G6SP
1.85
2.25
1.92.0
2.12.2
VF [V]
30
40
60
80
100
120
140
160
180
200
IF [mA]
:red
Forward current 6), 7)
I
F = f(VF); TS = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com