Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLC417 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC417
Description  Dual Low-Power, Programmable Gain Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC417 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  CLC417 Datasheet HTML 1Page - National Semiconductor (TI) CLC417 Datasheet HTML 2Page - National Semiconductor (TI) CLC417 Datasheet HTML 3Page - National Semiconductor (TI) CLC417 Datasheet HTML 4Page - National Semiconductor (TI) CLC417 Datasheet HTML 5Page - National Semiconductor (TI) CLC417 Datasheet HTML 6Page - National Semiconductor (TI) CLC417 Datasheet HTML 7Page - National Semiconductor (TI) CLC417 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
http://www.national.com
CLC417 Typical Performance Characteristics (Vcc = ±5V, Av = +2, R
L = 100Ω
Ω; unless specified)
Frequency Response
Frequency (MHz)
1
10
100
Vout = 1Vpp
-90
-180
-450
-270
-360
0
Av = 1
Av = 1
Av = 2
Av = 2
Av = -1
Av = -1
Frequency Response vs. RL
Frequency (MHz)
1
10
100
-90
-180
-450
-270
-360
0
RL = 1k
RL = 1k
RL = 100
RL = 100
RL = 50
RL = 50
Av = +2
Vout = 1Vpp
Frequency Response vs. CL
Frequency (MHz)
1
10
100
Rs = 30.1Ω
CL = 100pf
Rs = 7.7Ω
CL = 1000pf
Rs = 80.6Ω
CL = 10pf
Frequency Response vs. Vout (Av = +1)
Frequency (MHz)
1
10
100
Vo = 0.2Vpp
Vo = 4Vpp
Vo = 2Vpp
Frequency Response vs. Vout (Av = -1)
Frequency (MHz)
1
10
100
Vo = 0.2Vpp
Vo = 4Vpp
Vo = 2Vpp
Frequency Response vs. Vout (Av = +2)
Frequency (MHz)
1
10
100
Vo = 0.2Vpp
Vo = 4Vpp
Vo = 2Vpp
Maximum Output Voltage vs. RL
Load (
Ω)
0
100
200
300
400
-4
-2
0
2
4
500
600
Recommended Rs vs. Capacitive Load
CL (pF)
0
20
40
60
80
100
10
100
1000
Equivalent Input Noise
Frequency (Hz)
100
10
1
1k
100
10k
100k
1M
10M
100
10
1
Inverting Current = 12pA/
√Hz
Voltage = 5nV/
√Hz
Non-Inverting Current = 3pA/
√Hz
2nd & 3rd Harmonic Distoration
Frequency (MHz)
1
10
-70
-80
-90
-60
-50
-40
Vo = 2Vpp
3rd, RL = 100Ω
2nd, RL = 100Ω
2nd, RL = 1kΩ
3rd, RL = 1kΩ
2nd Harmonic Distortion vs. Pout
Output Power (dBm)
-90
-85
-80
-75
-70
-65
-60
-55
-10
-5
0
5
10
1MHz
500kHz
5MHz
10MHz
50
Ω
348
Ω
348
Ω
50
Ω
P
o
3rd Harmonic Distortion vs. Pout
Output Power (dBm)
-100
-90
-80
-70
-60
-50
-40
-10
-5
0
5
10
1MHz
500kHz
5MHz
10MHz
50
Ω
348
Ω
348
Ω
50
Ω
P
o
Small Signal Pulse Response
Time (5ns/div)
-0.08
-0.06
-0.04
-0.02
0
0.02
0.04
0.06
0.08
Av = +1
Av = -1
Large Signal Pulse Response
Time (5ns/div)
-2
-1
0
1
2
Av = +2
Differential Gain & Phase
Number of 150
Ω Loads
0
1
2
4
0
0.01
0.05
0.02
0.01
0.03
0.15
0.04
0.20
0.05
0.25
0.06
0.30
0.07
0.35
0.08
0.40
Phase Negative Sync
Phase
Positive
Sync
Gain Positive Sync
Gain Negative
Sync
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com