Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC5620 Datasheet(PDF) 1 Page - Clare, Inc.

Part # CPC5620
Description  LITELINK III Phone Line Interface IC (DAA)
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.

CPC5620 Datasheet(HTML) 1 Page - Clare, Inc.

  CPC5620 Datasheet HTML 1Page - Clare, Inc. CPC5620 Datasheet HTML 2Page - Clare, Inc. CPC5620 Datasheet HTML 3Page - Clare, Inc. CPC5620 Datasheet HTML 4Page - Clare, Inc. CPC5620 Datasheet HTML 5Page - Clare, Inc. CPC5620 Datasheet HTML 6Page - Clare, Inc. CPC5620 Datasheet HTML 7Page - Clare, Inc. CPC5620 Datasheet HTML 8Page - Clare, Inc. CPC5620 Datasheet HTML 9Page - Clare, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
DS-CPC5620/5621-R0.E
www.clare.com
1
Features
• Superior voice solution with high power option, low
noise, no automatic gain control circuit, and excel-
lent part-to-part gain accuracy
• Data access arrangement (DAA) solution for modems at
speeds up to V.92
• 3.3 or 5 V power supply operation
• Caller ID signal reception function
• Easy interface with modem ICs and voice CODECs
• Worldwide dial-up telephone network compatibility
• Supplied application circuit complies with the
requirements of TIA/EIA/IS-968 (FCC part 68),
UL1950, UL60950, EN60950, IEC60950,
EN55022B, CISPR22B, EN55024, and TBR-21
• Complies with UL1577
• Line-side circuit powered from telephone line
• Compared to other silicon DAA solutions, LITELINK:
- Uses fewer passive components
- Takes up less printed-circuit board space
- Uses less telephone line power
- Offers simplified operation
- Is a single-chip solution
Applications
• Computer telephony and gateways, such as VoIP
• PBXs
• Satellite and cable set-top boxes
• V.92 (and other standard) modems
• Fax machines
• Voicemail systems
• Embedded modems for POS terminals, automated
banking, remote metering, vending machines, secu-
rity, and surveillance
Description
LITELINK III is a single-package silicon phone line
interface/DAA used in voice and data communication
applications to make connections between host equip-
ment and telephone networks.
LITELINK provides a high-voltage isolation barrier, AC
and DC phone line termination, switchhook, 2-wire to
4-wire hybrid, ring detection, and on-hook signal
detection. LITELINK can be used in both differential
and single-ended signal applications.
LITELINK uses on-chip optical components and a few
inexpensive external components to form a complete
voice or high-speed data phone line interface.
LITELINK eliminates the need for the large isolation
transformers or capacitors used in other interface con-
figurations. It incorporates the required high-voltage
isolation barrier in the surface-mount SOIC package.
The CPC5620 (half-wave ring detect) and CPC5621
(full-wave ring detect) PLIs build upon Clare’s
LITELINK II line, with improved insertion loss control,
improved noise performance, and lower minimum cur-
rent draw from the phone line.
Ordering Information
Figure 1. CPC5620/CPC5621 Block Diagram
Part Number
Description
CPC5620A
32-pin PLI with half-wave ring detect, tubed
CPC5620ATR
32-pin PLI with half-wave ring detect, tape
and reel
CPC5621A
32-pin PLI with full-wave ring detect, tubed
CPC5621ATR
32-pin PLI with full-wave ring detect, tape and
reel
Transconductance
Stage
2-4 Wire Hybrid
AC/DC Termination
Hookswitch
Isolation Barrier
Vref
Gain Trim
Vref
Gain Trim
Snoop Amplifier
Receive
Isolation
Amplifier
Transmit
Isolation
Amplifier
TIP+
RING-
Transmit
Diff.
Amplifier
Receive
Diff.
Amplifier
CID/
RING
MUX
Tx+
Tx-
OH
RING
MODE
CID
Rx+
Rx-
Current Limit Control
AC Impedance Control
VI Slope Control
C
SNOOP
C
SNOOP
R
SNOOP
R
SNOOP
CPC5620/CPC5621
LITELINK™ III Phone Line Interface IC (DAA)


Similar Part No. - CPC5620

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC5620 IXYS-CPC5620 Datasheet
519Kb / 18P
3.3 or 5 V power supply operation
logo
Clare, Inc.
CPC5620A CLARE-CPC5620A Datasheet
725Kb / 17P
LITELINK짰 III Phone Line Interface IC (DAA)
logo
IXYS Corporation
CPC5620A IXYS-CPC5620A Datasheet
519Kb / 18P
3.3 or 5 V power supply operation
logo
Clare, Inc.
CPC5620ATR CLARE-CPC5620ATR Datasheet
725Kb / 17P
LITELINK짰 III Phone Line Interface IC (DAA)
logo
IXYS Corporation
CPC5620ATR IXYS-CPC5620ATR Datasheet
519Kb / 18P
3.3 or 5 V power supply operation
More results

Similar Description - CPC5620

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC5710N CLARE-CPC5710N Datasheet
304Kb / 9P
Phone Line Monitor (PLM) IC
CPC5610 CLARE-CPC5610 Datasheet
730Kb / 18P
LITELINK??II Silicon Data Access Arrangement (DAA) IC
CPC5620 CLARE-CPC5620_1 Datasheet
725Kb / 17P
LITELINK짰 III Phone Line Interface IC (DAA)
CPC5622 CLARE-CPC5622 Datasheet
728Kb / 18P
LITELINK짰 III Phone Line Interface IC (DAA)
CPC5710N CLARE-CPC5710N_1 Datasheet
361Kb / 10P
Phone Line Monitor (PLM) IC
logo
IXYS Corporation
AN-152 IXYS-AN-152 Datasheet
155Kb / 5P
Using LITELINK??III In a LITELINK II Circuit
AN-157 IXYS-AN-157 Datasheet
148Kb / 5P
Increased LITELINK??III Transmit Power
AN-158 IXYS-AN-158 Datasheet
217Kb / 10P
LITELINK??III Application Circuit Calculations
CPC5622 IXYS-CPC5622 Datasheet
500Kb / 18P
Phone Line Interface IC (DAA)
CPC5622-EVAL-600R IXYS-CPC5622-EVAL-600R Datasheet
300Kb / 11P
LITELINK III Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com