Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSM-8A Datasheet(PDF) 1 Page - ECS, Inc.

Part # CSM-8A
Description  The CSM-8A Series is a very cost effective, low profile SMD quartz crystal.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

CSM-8A Datasheet(HTML) 1 Page - ECS, Inc.

  CSM-8A Datasheet HTML 1Page - ECS, Inc. CSM-8A Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
15351 West 109
th Street | Lenexa, KS 66219 | Phone: 913.782.7787 | Fax: 913.782.6991 | www.ecsxtal.com
PARAMETERS
CONDITIONS
CSM-8A
UNITS
MIN
TYP
MAX
Frequency
8.000
100.000
MHz
Frequency Tolerance*
@ +25°C
± 30
ppm
Frequency Stability*
-10 ~ +70°C
± 50
ppm
Shunt Capacitance
Co
5
pF
Load Capacitance
Specify in P/N
10
20
Series
pF
Drive Level
DL
500
µW
Operating Temperature*
Topr
-10
+70
°C
Storage Temperature
Tstg
-40
+85
°C
Aging (First Year)
@ +25°C ±3°C
±5
ppm
ECS - FREQUENCY ABBREVIATION
LOAD
CAPACITANCE
PACKAGE
AVAILABLE OPTIONS
Tolerance
Stability
Temp Range
PACKAGING
Frequency (MHz)
ESR Ω
Max.
Mode of Osc.
9.800 ~ 15.999
60
Fundamental
16.000 ~ 42.000
40
Fundamental
35.000 ~ 100.000
60
3
rd Overtone
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
The CSM-8A Series is a very cost effective, low profile SMD
quartz crystal. The glass sealed ceramic package is ideal for
PCMCIA, ethernet and fax modem card applications.
CSM-8A
SMD CRYSTAL
CSM-8A SMD CRYSTAL
 Glass Sealed Ceramic Package
 Tight Stability/High Reliability
 Wide Frequency Range
 RoHS Compliant(7(c)I Exemption)
DIMENSIONS (mm)
PART NUMBERING GUIDE: Example ECS-160-20-20A-TR
Figure 1) Top, Side, and Bottom
160 = 16.000 MHz
See P/N Guide
20 = 20 pF
S = Series
20A =
CSM-8A
Blank = Std
A = ± 25 ppm
J = ± 20 ppm
R = ± 15 ppm
TR =
Tape
& Reel
1K/Reel
Rev.2017
ECS
* Specify available options in P/N.
† Contact ECS for availability over extended temp range.
Blank= Std
D= ±100 ppm
E = ± 50 ppm
G = ± 30 ppm
H = ± 25 ppm
T = ± 20 ppm †
W = ±15 ppm †
Blank= Std
L = -10 ~ +70°C
M = -20 ~ +70°C
Y = -30 ~ +85°C
N = -40 ~ +85°C
P = -40 ~ +105°C
Figure 2) Suggested land
pattern


Similar Part No. - CSM-8A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CSM-8 ETC1-CSM-8 Datasheet
191Kb / 1P
SMD QUARTZ CRYSTAL
logo
ECS, Inc.
CSM-8 ECS-CSM-8 Datasheet
204Kb / 1P
SMD QUARTZ CRYSTAL
logo
China Semiconductor Cor...
CSM-88035A9 CHINASEMI-CSM-88035A9 Datasheet
223Kb / 6P
0.78 Inch 8X8 Dot-Matrix Display
CSM-88035E CHINASEMI-CSM-88035E Datasheet
223Kb / 6P
0.78 Inch 8X8 Dot-Matrix Display
CSM-88035G CHINASEMI-CSM-88035G Datasheet
226Kb / 6P
0.78 Inch 8X8 Dot-Matrix Display
More results

Similar Description - CSM-8A

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-130-20-3X-TR ECS-ECS-130-20-3X-TR Datasheet
164Kb / 1P
The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal. Reduces footprint of CSM-7X (HC-49USX SMD) by 50%.
ECS-250-20-3X-TR ECS-ECS-250-20-3X-TR Datasheet
164Kb / 1P
The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal. Reduces footprint of CSM-7X (HC-49USX SMD) by 50%.
CSM-12R ECS-CSM-12R Datasheet
157Kb / 1P
The CSM-12 is a low profile SMD Crystal with a 11.8 x 5.5 mm footprint. This cost effective package offers a height of 2.5 mm.
logo
Richtek Technology Corp...
RT9728 RICHTEK-RT9728 Datasheet
118Kb / 11P
The RT9728 is a cost effective
logo
ECS, Inc.
CSM-7X ECS-CSM-7X_17 Datasheet
596Kb / 2P
The CSM-7X is an excellent choice for a low cost SMD Crystal.
CSM-9 ECS-CSM-9_17 Datasheet
571Kb / 2P
The CSM-9 is a compact SMD Crystal
CSM-4AX ECS-CSM-4AX_17 Datasheet
579Kb / 2P
The CSM-4AX is an excellent choice for a low cost SMD crystal
CSM-7SSX ECS-CSM-7SSX_17 Datasheet
576Kb / 2P
The CSM-7SSX is an excellent choice for a low cost SMD Crystal
CSM-7X-3L ECS-CSM-7X-3L_17 Datasheet
542Kb / 2P
The CSM-7X-3L is a low profile SMD Crystal with 3rd lead
CSM-3X ECS-CSM-3X_17 Datasheet
586Kb / 2P
The CSM-3X is the miniature low profile resistance weld type SMD quartz crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com