Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPA425R-TL Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # DPA425R-TL
Description  Highly Integrated DC-DC Converter ICs for Distributed Power Architectures
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

DPA425R-TL Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button DPA425R-TL Datasheet HTML 9Page - Power Integrations, Inc. DPA425R-TL Datasheet HTML 10Page - Power Integrations, Inc. DPA425R-TL Datasheet HTML 11Page - Power Integrations, Inc. DPA425R-TL Datasheet HTML 12Page - Power Integrations, Inc. DPA425R-TL Datasheet HTML 13Page - Power Integrations, Inc. DPA425R-TL Datasheet HTML 14Page - Power Integrations, Inc. DPA425R-TL Datasheet HTML 15Page - Power Integrations, Inc. DPA425R-TL Datasheet HTML 16Page - Power Integrations, Inc. DPA425R-TL Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
DPA423-426
13
K
1/04
Figure 15. Externally Set Current Limit.
Figure 16. Current Limit Reduction with Line Voltage.
X
PI-2836-011904
DC
Input
Voltage
+
-
D
S
C
R
IL
For RIL = 12 kΩ
ILIMIT = 64%
See Figure 34 for other
resistor values (RIL)
For RIL = 25 kΩ
ILIMIT = 34%
CONTROL
X
PI-2854-050602
DC
Input
Voltage
+
-
D
S
C
363 kΩ
R
LS
4.2 kΩ
R
IL
100% @ 36 VDC
64% @ 72 VDC
ILIMIT =
ILIMIT =
CONTROL
Figure 17. Active-on (Fail Safe) Remote ON/OFF.
Figure 18. Active-off Remote ON/OFF. Maximum Duty Cycle will
be reduced.
Figure 19. Active-on Remote ON/OFF with Externally Set Current
Limit.
Figure 20. Active-off Remote ON/OFF with Externally Set Current
Limit.
X
ON/OFF
47 kΩ
PI-2856-072602
DC
Input
Voltage
+
-
D
S
C
R
IL
Q
R
For RIL = 12 kΩ
ILIMIT = 64%
For RIL = 25 kΩ
ILIMIT = 34%
QR can be an optocoupler
output or can be replaced
by a MOSFET or manual
switch.
CONTROL
PI-2857-050602
DC
Input
Voltage
+
-
D
S
C
CONTROL
L
47 kΩ
Q
R
R
MC
37.4 kΩ
QR can be an
optocoupler output
or can be replaced
by a manual switch.
ON/OFF
X
R
IL
For RIL = 12 kΩ
ILIMIT = 64%
For RIL = 25 kΩ
ILIMIT = 34%
PI-2855-050602
DC
Input
Voltage
+
-
D
S
C
CONTROL
L
47 kΩ
Q
R
R
MC
37.4 kΩ
QR can be an
optocoupler output or
can be replaced
by a manual switch.
ON/OFF
X
PI-2625-040501
DC
Input
Voltage
+
-
D
S
C
ON/OFF
47 KΩ
QR can be an optocoupler
output or can be replaced by
a manual switch.
Q
R
CONTROL
Typical Uses of LINE-SENSE (L) and EXTERNAL CURRENT LIMIT (X) Pins (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com