Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT16511 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT16511
Description  1/8 to 1/16 Duty VFD Controller
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16511 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT16511 Datasheet HTML 1Page - Holtek Semiconductor Inc HT16511 Datasheet HTML 2Page - Holtek Semiconductor Inc HT16511 Datasheet HTML 3Page - Holtek Semiconductor Inc HT16511 Datasheet HTML 4Page - Holtek Semiconductor Inc HT16511 Datasheet HTML 5Page - Holtek Semiconductor Inc HT16511 Datasheet HTML 6Page - Holtek Semiconductor Inc HT16511 Datasheet HTML 7Page - Holtek Semiconductor Inc HT16511 Datasheet HTML 8Page - Holtek Semiconductor Inc HT16511 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-1110.000
555.300
27
977.250
-720.000
2
-1110.000
450.300
28
977.250
-612.000
3
-1110.000
345.300
29
977.250
-504.000
4
-1110.000
240.300
30
977.250
-396.000
5
-1110.000
135.300
31
977.250
-288.000
6
-1165.900
9.800
32
977.250
-180.000
7
-1110.000
-125.500
33
977.250
-55.150
8
-1110.000
-230.500
34
977.250
49.850
9
-1110.000
-335.500
35
977.250
173.350
10
-1110.000
-440.500
36
977.250
281.350
11
-1110.000
-545.500
37
977.250
389.350
12
-1110.000
-650.500
38
977.250
497.350
13
-1110.000
-755.500
39
977.250
605.350
14
-897.200
-560.300
40
977.250
713.350
15
-782.500
-560.300
41
405.500
545.400
16
-674.500
-560.300
42
297.500
545.400
17
-566.500
-560.300
43
189.500
545.400
18
-458.500
-560.300
44
81.500
545.400
19
-350.500
-560.300
45
-34.700
545.400
20
-242.500
-560.300
46
-173.950
684.850
21
-134.500
-560.300
47
-285.150
684.850
22
-26.500
-560.300
48
-390.150
684.850
23
81.500
-560.300
49
-501.350
684.850
24
189.500
-560.300
50
-606.350
684.850
25
297.500
-560.300
51
-765.200
726.350
26
405.500
-560.300
Pin Description
Pin No.
Pin Name
I/O
Description
1~4
SW1~SW4
I
4-bit general purpose input port
5DO
O
Output serial data at the falling edge of the shift clock, starting from low order
bit. This is an NMOS open-drain output pin.
6DI
I
Input serial data at the rising edge of the shift clock, starting from the low order
bit.
7NC
¾ No connection
8
CLK
I
Reads serial data at the rising edge, and outputs data at the falling edge.
9CS
I
Initializes serial interface at the rising or falling edge of the HT16511. Then it
waits to receive a command. Data input after CS has fallen is processed as a
command. While command data is processed, current processing is stopped,
and the serial interface is initialized. While CS is high, CLK is ignored.
10~13
K0~K3
I
Keying data input to these pins is latched at the end of the display cycle.
14, 33, 45 VDD
¾ Posistive power supply
15~26
S1/K1~S12/K12
O
Segment or key source output pins (dual function). This is PMOS open-drain
and pull-low resistor output.
27~32,
35~36
S13/G16~S20/G9
O
Segment or Grid driver output pins. These pins are selectable for segment or
grid driving. This is PMOS open-drain and pull-low resistor output.
34
VEE
¾ VFD power supply
37~44
G8~G1
O
Grid driver output pins (Grid only). This is PMOS open-drain and pull-low re-
sistor output.
46~50
LED4~LED0
O
LED driver output ports. This is a CMOS output pin.
51
VSS
¾ Negative power supply, ground
52
OSC
I
Connected to an external resistor or an RC oscillator circuit.
HT16511
Rev. 1.10
3
September 18, 2003



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com