Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSMS-285P Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HSMS-285P
Description  Surface Mount Zero Bias Schottky Detector Diodes
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSMS-285P Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HSMS-285P Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSMS-285P Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
SOT-23/SOT-143 DC Electrical Specifications, TC = +25
°C, Single Diode
Part
Package
Maximum
Typical
Number
Marking
Lead
Forward Voltage
Capacitance
HSMS-
Code[1]
Code
Configuration
VF (mV)
CT (pF)
2850
P0
0
Single
150
250
0.30
2852
P2
2
Series Pair [2,3]
2855
P5
5
Unconnected Pair [2,3]
Test
IF = 0.1 mA IF = 1.0 mA VR = –0.5 V to –1.0V
Conditions
f = 1 MHz
Notes:
1. Package marking code is in white.
2.
∆V
F for diodes in pairs is 15.0 mV maximum at 1.0 mA.
3.
∆C
T for diodes in pairs is 0.05 pF maximum at –0.5 V.
RF Electrical Specifications, T
C = +25°C, Single Diode
Part Number
Typical Tangential Sensitivity
Typical Voltage Sensitivity
Typical Video
HSMS-
TSS (dBm) @ f = 915 MHz
γγγγγ (mV/
µW) @ f = 915 MHz Resistance RV (KΩ)
2850
– 57
40
8.0
2852
2855
285B
285C
285L
285P
Test
Video Bandwidth = 2 MHz
Power in = –40 dBm
Conditions
Zero Bias
RL = 100 K
Ω, Zero Bias
Zero Bias
SOT-323/SOT-363 DC Electrical Specifications, T
C = +25°C, Single Diode
Part
Package
Maximum
Typical
Number
Marking
Lead
Forward Voltage
Capacitance
HSMS-
Code[1]
Code
Configuration
VF (mV)
CT (pF)
285B
P0
B
Single[2]
150
250
0.30
285C
P2
C
Series Pair [2,3]
285L
PL
L
Unconnected Trio
285P
PP
P
Bridge Quad
Test
IF = 0.1 mA IF = 1.0 mA
VR = 0.5 V to –1.0V
Conditions
f = 1 MHz
Notes:
1. Package marking code is laser marked.
2.
∆V
F for diodes in pairs is 15.0 mV maximum at 1.0 mA.
3.
∆C
T for diodes in pairs is 0.05 pF maximum at –0.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com