Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF830 Datasheet(PDF) 12 Page - International Rectifier

Part # IRF830
Description  Drives 1 x 70W HID lamp
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF830 Datasheet(HTML) 12 Page - International Rectifier

Back Button IRF830 Datasheet HTML 8Page - International Rectifier IRF830 Datasheet HTML 9Page - International Rectifier IRF830 Datasheet HTML 10Page - International Rectifier IRF830 Datasheet HTML 11Page - International Rectifier IRF830 Datasheet HTML 12Page - International Rectifier IRF830 Datasheet HTML 13Page - International Rectifier IRF830 Datasheet HTML 14Page - International Rectifier IRF830 Datasheet HTML 15Page - International Rectifier IRF830 Datasheet HTML 16Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
www.irf.com
- 12 -
inductor charges up to a peak level, depending on the inductance value, and the
secondary winding output of the buck inductor is at some negative voltage level,
depending on the ratio between the primary and secondary windings. The secondary
winding output is measured by the ZX pin, which clamps the negative voltage to a diode
drop below COM using the internal ESD diode, and limits the resulting negative current
flowing out of the pin with an external resistor, RZX. When the voltage on the internal
on-time capacitor exceeds the voltage on the PCOMP pin or ICOMP pin, the on-time has
ended and the buck output turns off.
The secondary winding output of the buck inductor transitions to some positive voltage
level, depending on the ratio between the primary and secondary windings, and causes
the ZX pin to exceed the internal 2V threshold. The current in the buck inductor begins
to discharge into the lamp full-bridge output stage. When the inductor current reaches
zero, the ZX pin decreases back below the 2V threshold. This causes the internal logic
of the buck control to start the on-time cycle again. This mode of operation is known as
critical-conduction mode because the buck MOSFET is turned on each cycle when the
inductor current discharges to zero. The on-time is programmed by the voltage level on
the PCOMP pin, and the off-time is determined by the time it takes for the inductor
current to discharge to zero, as measured by a negative-going edge on the ZX pin. The
resulting shape of the current in the inductor is triangular with a peak value determined
by the inductance value and on-time setting.
Figure 5.6: Buck control timing diagram (critical conduction mode): CH1 is TOFF pin voltage, CH2 is
ZX pin voltage, CH3 is Buck output voltage and CH4 is current through buck inductor LBUCK
During lamp warm-up or a short-circuit condition at the output, the inductor current will
charge up to an excessive level that can saturate the inductor or damage the buck
MOSFET. To prevent this condition, the buck current sensing resistor (RBCS) is set
such that the voltage at the CS pin exceeds the internal over-current threshold (1.2V
typical) before the inductor saturates. Should the CS pin exceed 1.2V before the internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com