Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRLSG5653 Datasheet(PDF) 7 Page - International Rectifier

Part # IRLSG5653
Description  INTEGRATED SWITCHER
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLSG5653 Datasheet(HTML) 7 Page - International Rectifier

  IRLSG5653 Datasheet HTML 1Page - International Rectifier IRLSG5653 Datasheet HTML 2Page - International Rectifier IRLSG5653 Datasheet HTML 3Page - International Rectifier IRLSG5653 Datasheet HTML 4Page - International Rectifier IRLSG5653 Datasheet HTML 5Page - International Rectifier IRLSG5653 Datasheet HTML 6Page - International Rectifier IRLSG5653 Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC FAX: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Case Outline
Material of Pin : Cu
Treatment of Pin : Ni plating + solder dip
IRIS-G5653A
I
I
I
IR
R
R
RI
I
I
IS
S
S
S
7
7
7
7
.
.
.
.
0
0
0
0
7
7
7
7
.
.
.
.
0
0
0
0
d
d
d
d
n
n
n
n
e
e
e
e
-
-
-
-
R
R
R
R
)
)
)
)
1
1
1
1
R
R
R
R
(
(
(
(
-
-
-
-
2
2
2
2
6
6
6
6
.
.
.
.
0
0
0
0
±
±
±
±
8
8
8
8
0
0
0
0
.
.
.
.
5
5
5
5
1
1
1
1
.
.
.
.
0
0
0
0
-
-
-
-
2
2
2
2
.
.
.
.
0
0
0
0
+
+
+
+
5
5
5
5
4
4
4
4
.
.
.
.
0
0
0
0
1
1
1
1
.
.
.
.
0
0
0
0
±
±
±
±
6
6
6
6
.
.
.
.
2
2
2
2
2
2
2
2
.
.
.
.
0
0
0
0
±
±
±
±
2
2
2
2
.
.
.
.
4
4
4
4
2
2
2
2
.
.
.
.
0
0
0
0
±
±
±
±
8
8
8
8
.
.
.
.
2
2
2
2
2
2
2
2
.
.
.
.
0
0
0
0
±
±
±
±
0
0
0
0
1
1
1
1
5
5
5
5
4
4
4
4
3
3
3
3
2
2
2
2
1
1
1
1
1
1
1
1
.
.
.
.
0
0
0
0
-
-
-
-
2
2
2
2
.
.
.
.
0
0
0
0
+
+
+
+
5
5
5
5
8
8
8
8
.
.
.
.
0
0
0
0
)
)
)
)
8
8
8
8
.
.
.
.
6
6
6
6
(
(
(
(
=
=
=
=
1
1
1
1
.
.
.
.
0
0
0
0
±
±
±
±
7
7
7
7
.
.
.
.
1
1
1
1
p
p
p
p
x
x
x
x
4
4
4
4
5
5
5
5
1
1
1
1
.
.
.
.
0
0
0
0
±
±
±
±
4
4
4
4
9
9
9
9
.
.
.
.
0
0
0
0
2
2
2
2
.
.
.
.
0
0
0
0
±
±
±
±
2
2
2
2
.
.
.
.
3
3
3
3
φ
φ
φ
φ
a:Type Number G5653A
b:Lot Number
1st letter:The last digit of year
2nd letter:Month
1 to 9 for Jan. to Sept.,
O for Oct. N for Nov. D for Dec.
3rd & 4th letter:Day
Arabic Numerals
Weight : Approx. 2.3g
Dimensions in mm
DWG.No.:TG3A-1128



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com