Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSWA2-63DR Datasheet(PDF) 1 Page - Mini-Circuits

Part # HSWA2-63DR
Description  SP2T RF Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

HSWA2-63DR Datasheet(HTML) 1 Page - Mini-Circuits

  HSWA2-63DR Datasheet HTML 1Page - Mini-Circuits HSWA2-63DR Datasheet HTML 2Page - Mini-Circuits HSWA2-63DR Datasheet HTML 3Page - Mini-Circuits HSWA2-63DR Datasheet HTML 4Page - Mini-Circuits HSWA2-63DR Datasheet HTML 5Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SP2T RF Switch
Page 1 of 5
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
MMIC
HSWA2-63DR+
The Big Deal
• High Isolation, 69 dB at 1.0 GHz
• High Input IP3, +65 dBm
• Fast switching, 300 ns
• Tiny Size, 4x4mm
Product Overview
Mini-Circuits’ HSWA2-63DR+ is a MMIC SPDT absorptive switch with an internal driver designed for
wideband operation from 100 MHz to 6.0 GHz supporting many applications requiring high performance
across a wide frequency range. This model provides excellent isolation, fast switching speed and high
linearity in a tiny 4x4mm 20-Lead MCLP package. Produced using a unique CMOS process on silicon,
it offers the performance of GaAs with the advantages of conventional CMOS devices. HSWA2-63DR+
provides a high level of ESD protection and excellent repeatability.
Key Features
Feature
Advantages
Wideband, 100 MHz to 6.0 GHz
Usable over 1kHz to 6 GHz
One model can be used in many applications, saving component count. Also ideal for
wideband applications such as military and instrumentation.
With lower input power it can operate over 1kHz to 6 GHz covering even wider applica-
tions
Absorptive switch
In the off condition, RF output ports which are not switched ON are terminated into
50Ω. This enables proper impedance termination of the circuitry following the RF out-
put ports, preventing any unintended action such as oscillation.
High Isolation:
• 71 dB at 1000 MHz
• 48 dB at 6000 MH
High isolation significantly reduces leakage of power into OFF ports.
High linearity, +65 dBm IIP3
High linearity minimizes unwanted intermodulation products which are difficult or
impossible to filter in multi-carrier environments such as CATV, or in the presence of
strong interfering signal from adjacent circuitry or received by antenna.
Tiny size, 4 x 4mm MCLP package
Tiny footprint saves space in dense layouts while providing low inductance, repeatable
transitions, and excellent thermal contact to the PCB.
Absorptive RF Switch with internal driver
Single Supply Voltage, +2.7V to +5.5V
CASE STYLE: DG983-3


Similar Part No. - HSWA2-63DR

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
HSWA2-30DR+ MINI-HSWA2-30DR+ Datasheet
607Kb / 11P
SPDT RF SWITCH
HSWA2-30DR+TB MINI-HSWA2-30DR+TB Datasheet
607Kb / 11P
SPDT RF SWITCH
More results

Similar Description - HSWA2-63DR

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
CSW22223 DAICO-CSW22223 Datasheet
148Kb / 1P
Switch SP2T
CSW29289 DAICO-CSW29289 Datasheet
118Kb / 1P
Switch SP2T
DSW22201 DAICO-DSW22201 Datasheet
163Kb / 1P
Switch SP2T
DSW25112 DAICO-DSW25112 Datasheet
133Kb / 1P
SP2T Switch
DSWA9072 DAICO-DSWA9072 Datasheet
32Kb / 1P
Switch SP2T
logo
Integrated Device Techn...
F2923 IDT-F2923 Datasheet
2Mb / 21P
Constant Impedance Kz SP2T RF Switch
F2933 IDT-F2933 Datasheet
2Mb / 19P
High Reliability SP2T RF Switch
F2932 IDT-F2932 Datasheet
2Mb / 20P
High Reliability SP2T RF Switch
F2912 IDT-F2912 Datasheet
2Mb / 23P
High Reliability SP2T RF Switch
logo
Renesas Technology Corp
F2912 RENESAS-F2912_V01 Datasheet
2Mb / 25P
High Reliability SP2T RF Switch
Sep 20, 2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com