Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JSW6-33DR Datasheet(PDF) 5 Page - Mini-Circuits

Part # JSW6-33DR
Description  SP6T RF Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JSW6-33DR Datasheet(HTML) 5 Page - Mini-Circuits

  JSW6-33DR Datasheet HTML 1Page - Mini-Circuits JSW6-33DR Datasheet HTML 2Page - Mini-Circuits JSW6-33DR Datasheet HTML 3Page - Mini-Circuits JSW6-33DR Datasheet HTML 4Page - Mini-Circuits JSW6-33DR Datasheet HTML 5Page - Mini-Circuits JSW6-33DR Datasheet HTML 6Page - Mini-Circuits JSW6-33DR Datasheet HTML 7Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
SP6T RF Switch
Page 5 of 7
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Absolute Maximum Ratings(5)
Parameter
Ratings
Operating Temperature
-40°C to +85°C
Storage Temperature
-55°C to 150°C
V
DD, Supply Voltage
5.0V
Voltage Control
-0.5V Min. 3.0 Max.
RF input power6
5 Watt
Truth Table(7) (State of control voltage selects the desired switch state)
5. Operation of this device above any of these conditions may cause permanent damage.
6. Derate linearly to 2.5W at 85°C.
Characterization Test Circuit
Figure 1: Block Diagram Of Test Circuit Used For Characterization.
(DUT soldered on Mini-Circuits’ TB-724+)
7. Any control state not defined above, places the switch in an undefined state, but will not damage the switch.
State of Control Voltages
RF Common to
Control #1 Control #2 Control #3
RF1
RF2
RF3
RF4
RF5
RF6
L
L
L
ON
—
—
—
—
—
L
L
H
—
ON
—
—
—
—
L
H
L
—
—
ON
—
—
—
L
H
H
—
—
—
ON
—
—
H
L
L
—
—
—
—
ON
—
H
L
H
—
—
—
—
—
ON
H
H
H
Shutdown
Test Equipment:
For Insertion loss, Isolation, Return loss:
Agilent’s N5230A Network Analyzer , E3631A power supply.
For Switching Time and Video Feed through
Agilent’s HP81110A pulse generator, 54833A Oscilloscope, E3631A power supply.
Agilent’s N9020A Spectrum Analyzer , E8257D Generator, E3631A power supply
For Compression:
R&S Network Analyzer ZVA24, E3631A power supply.
Conditions:
V
DD= +2.5, +3.0 and +4.8V, Control= 0 and 1.35V.
For Insertion loss, isolation and return loss: Pin=0 dBm
For Input IP3: Pin=+10dBm/tone at VDD=3V
For Switching time: RF frequency: DC at 200mV, Control Frequency: 10 KHz and 0 and +8V.
JSW6-33DR+
R1, R2, R3, R4=1KΩ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com